Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFM95W Datasheet(PDF) 21 Page - Shenzhen Hope Microelectronics Co., Ltd.

Part # RFM95W
Description  Low Power Long Range Transceiver Module
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPERF [Shenzhen Hope Microelectronics Co., Ltd.]
Direct Link  https://hoperf.com/
Logo HOPERF - Shenzhen Hope Microelectronics Co., Ltd.

RFM95W Datasheet(HTML) 21 Page - Shenzhen Hope Microelectronics Co., Ltd.

Back Button RFM95W Datasheet HTML 17Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95W Datasheet HTML 18Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95W Datasheet HTML 19Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95W Datasheet HTML 20Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95W Datasheet HTML 21Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95W Datasheet HTML 22Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95W Datasheet HTML 23Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95W Datasheet HTML 24Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95W Datasheet HTML 25Page - Shenzhen Hope Microelectronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 121 page
background image
Page 21
RFM95/96/97/98(W)
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
All major parameters of the RF front end and digital state machine are fully configurable via an SPI interface which gives
access to RFM95/96/97/98(W)’s configuration registers. This includes a mode auto sequencer that oversees the
transition and calibration of the RFM95/96/97/98(W) between intermediate modes of operation in the fastest time possible.
The RFM95/96/97/98(W) are equipped with both standard FSK and long range spread spectrum (LoRaTM) modems.
Depending upon the mode selected either conventional OOK or FSK modulation may be employed or the LoRaTM  spread
spectrum modem.
3.1.
LoRaTM  Modem
The LoRaTM   modem uses a proprietary spread spectrum modulation technique. This modulation, in contrast to legacy
modulation techniques, permits an increase in link budget and increased immunity to in-band interference. At the same
time the frequency tolerance requirement of the crystal reference oscillator is relaxed - allowing a performance increase for
a reduction in system cost. For a fuller description of the design trade-offs and operation of the RFM95/96/97/98(W)
please consult Section 4.1 of the datasheet.
3.2. FSK/OOK Modem
In FSK/OOK mode the RFM95/96/97/98(W) supports standard modulation techniques including OOK, FSK, GFSK, MSK
and GMSK. The RFM95/96/97/98(W) is especially suited to narrow band communication thanks the low-IF architecture
employed and the built-in AFC functionality. For full information on the FSK/OOK modem please consult Section 4.2 of this
document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com