Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLV61220DBVR Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV61220DBVR
Description  TLV61220 Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV61220DBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV61220DBVR Datasheet HTML 3Page - Texas Instruments TLV61220DBVR Datasheet HTML 4Page - Texas Instruments TLV61220DBVR Datasheet HTML 5Page - Texas Instruments TLV61220DBVR Datasheet HTML 6Page - Texas Instruments TLV61220DBVR Datasheet HTML 7Page - Texas Instruments TLV61220DBVR Datasheet HTML 8Page - Texas Instruments TLV61220DBVR Datasheet HTML 9Page - Texas Instruments TLV61220DBVR Datasheet HTML 10Page - Texas Instruments TLV61220DBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
1.7
1.8
1.8
1.9
1.9
0.01
0.1
1
10
100
Output Current - mA
V =0.7V
I
V =0.7V
I
V =0.7V
I
V =1.2V
I
V =0.7V
I
V =1.8V
o
Input Voltage - V
Io=100 A
:
Io=50mA
Io=1mA
0
10
20
30
40
50
60
70
80
90
100
0.7
1.7
2.7
3.7
4.7
5.7
Io=1mA
Vo=5V
Io=50mA
Io=1mA
Io=10mA
Io=100 A
:
Vo=1.8V
Input Voltage - V
0
10
20
30
40
50
60
70
80
90
100
0.7
0.9
1.1
1.3
1.5
1.7
1.9
Input Voltage - V
0
10
20
30
40
50
60
70
80
90
100
0.7
1.2
1.7
2.2
2.7
3.2
3.7
Io=100 A
:
Io=50mA
Io=1mA
Io=10mA
Vo=3.3V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
G000
Output Current - mA
V =0.7V
I
V =2.4V
I
V =0.7V
I
V =3V
I
V =1.2V
I
V =3.3V
o
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
G000
Output Current - mA
Output Current - mA
V =0.7V
I
V =0.7V
I
V =0.7V
I
V =3.6V
I
V =0.7V
I
V =0.7V
I
V =0.7V
I
V =4.2V
I
V =0.7V
I
V =0.7V
I
V =0.7V
I
V =1.2V
I
V =5V
o
TLV61220
www.ti.com
SLVSB53A – MAY 2012 – REVISED DECEMBER 2014
Figure 5. Efficiency vs Output Current and Input Voltage
Figure 6. Efficiency vs Input Voltage and Output Current
Figure 7. Efficiency vs Input Voltage and Output Current
Figure 8. Efficiency vs Input Voltage and Output Current
Figure 9. Efficiency vs Input Voltage and Output Current
Figure 10. Output Voltage vs Output Current and Input
Voltage
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TLV61220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com