Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLV61220DBVT Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV61220DBVT
Description  TLV61220 Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV61220DBVT Datasheet(HTML) 3 Page - Texas Instruments

  TLV61220DBVT Datasheet HTML 1Page - Texas Instruments TLV61220DBVT Datasheet HTML 2Page - Texas Instruments TLV61220DBVT Datasheet HTML 3Page - Texas Instruments TLV61220DBVT Datasheet HTML 4Page - Texas Instruments TLV61220DBVT Datasheet HTML 5Page - Texas Instruments TLV61220DBVT Datasheet HTML 6Page - Texas Instruments TLV61220DBVT Datasheet HTML 7Page - Texas Instruments TLV61220DBVT Datasheet HTML 8Page - Texas Instruments TLV61220DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
1
3
4
6
2
5
A B C
SW
EN
GND
VOUT
VBAT
FB
TLV61220
www.ti.com
SLVSB53A – MAY 2012 – REVISED DECEMBER 2014
6 Device Options
OUTPUT VOLTAGE
TA
PACKAGE
PART NUMBER
DC/DC
–40°C to 85°C
Adjustable
6-Pin SOT-23
TLV61220DBV
7 Pin Configuration and Functions
DBV Package
6 Pins
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
EN
3
I
Enable input (VBAT enabled, GND disabled)
FB
4
I
Voltage feedback for programming the output voltage
GND
2
—
IC ground connection for logic and power
SW
1
I
Boost and rectifying switch input
VBAT
6
I
Supply voltage
VOUT
5
O
Boost converter output
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TLV61220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com