Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G125 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G125
Description  Bus buffer/line driver; 3-state
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G125 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74LVC1G125 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G125 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G125 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G125 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G125 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G125 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G125 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G125 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G125 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Nexperia
74LVC1G125
Bus buffer/line driver; 3-state
6.2. Pin description
Table 3. Pin description
Pin
Symbol
TSSOP5, SC-74A, X2SON5 and XSON5
XSON6
Description
OE
1
1
output enable input
A
2
2
data input
GND
3
3
ground (0 V)
Y
4
4
data output
n.c.
-
5
not connected
VCC
5
6
supply voltage
7. Functional description
Table 4. Function table
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
Input
Output
OE
A
Y
L
L
L
L
H
H
H
X
Z
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-0.5
+6.5
V
IIK
input clamping current
VI < 0 V
-50
-
mA
VI
input voltage
[1]
-0.5
+6.5
V
IOK
output clamping current
VO > VCC or VO < 0 V
-
±50
mA
Active mode
[1]
-0.5
VCC + 0.5 V
VO
output voltage
Power-down mode; VCC = 0 V
[1]
-0.5
+6.5
V
IO
output current
VO = 0 V to VCC
-
±50
mA
ICC
supply current
-
100
mA
IGND
ground current
-100
-
mA
Ptot
total power dissipation
Tamb = -40 °C to +125 °C
[2]
-
250
mW
Tstg
storage temperature
-65
+150
°C
[1] The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2] For SOT353-1 (TSSOP5) package: Ptot derates linearly with 3.3 mW/K above 74 °C.
For SOT753 (SC-74A) package: Ptot derates linearly with 3.8 mW/K above 85 °C.
For SOT886 (XSON6) package: Ptot derates linearly with 3.3 mW/K above 74 °C.
For SOT1115 (XSON6) package: Ptot derates linearly with 3.2 mW/K above 71 °C.
For SOT1202 (XSON6) package: Ptot derates linearly with 3.3 mW/K above 74 °C.
For SOT1226-3 (X2SON5) package: Ptot derates linearly with 3.0 mW/K above 67 °C.
For SOT8065-1 (XSON5) package: Ptot derates linearly with 3.2 mW/K above 72 °C.
74LVC1G125
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 17.1 — 3 September 2024
4 / 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com