Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FEMTOSMDC008F Datasheet(PDF) 18 Page - TE Connectivity Ltd

Part # FEMTOSMDC008F
Description  Surface-mount Devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FEMTOSMDC008F Datasheet(HTML) 18 Page - TE Connectivity Ltd

Back Button FEMTOSMDC008F Datasheet HTML 12Page - TE Connectivity Ltd FEMTOSMDC008F Datasheet HTML 13Page - TE Connectivity Ltd FEMTOSMDC008F Datasheet HTML 14Page - TE Connectivity Ltd FEMTOSMDC008F Datasheet HTML 15Page - TE Connectivity Ltd FEMTOSMDC008F Datasheet HTML 16Page - TE Connectivity Ltd FEMTOSMDC008F Datasheet HTML 17Page - TE Connectivity Ltd FEMTOSMDC008F Datasheet HTML 18Page - TE Connectivity Ltd FEMTOSMDC008F Datasheet HTML 19Page - TE Connectivity Ltd FEMTOSMDC008F Datasheet HTML 20Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
132
RoHS Compliant, ELV Compliant
HF Halogen Free
12
Solder Reflow and Rework Recommendation for Surface-mount Devices
Classification Reflow Profiles
Solder Reflow
• Recommended reflow methods:
- IR
- Hot air
- Nitrogen
• Recommended maximum paste thickness: 0.25mm (0.010 inch)
• Devices can be cleaned using standard methods and aqueous solvents.
• We believe the optimum conditions for forming acceptable solder fillets occur when a reasonable amount of solder paste is placed
underneath each device’s termination. As such, we request that customers comply with our recommended solder pad layouts.
• Customer should validate that the solder paste amount and reflow recommendations meet its application.
• We request that customer board layouts refrain from placing raised features (e.g. vias, nomenclature, traces, etc.) underneath PolySwitch
devices. It is possible that raised features could negatively impact solderability performance of our devices.
Rework
• femtoSMD, picoSMD, nanoSMD, microSMD and miniSMD series: standard industry practices.
Please also avoid direct contact to the device.
• SMD series: rework should be confined to removal of the installed product and replacement with a fresh device.
Profile Feature
Pb-Free Assembly
Average ramp up rate (TsMAX to Tp)
3°C/second max.
Preheat
• Temperature min. (TsMIN)
150°C
• Temperature max. (TsMAX)
200°C
• Time (tsMIN to tsMAX)
60-120 seconds
Time maintained above:
• Temperature (TL)
217°C
• Time (tL)
60-150 seconds
Peak/Classification temperature (Tp)
260°C
Time within 5°C of actual peak temperature
Time (tp)
30 seconds max.
Ramp down rate
3°C/second max.
Time 25°C to peak temperature
8 minutes max.
Critical Zone
T
L to Tp
Ramp up
t 25˚C to Peak
Reflow Profile
Time
Ramp down
ts
Preheat
Ts
MAX
T
L
Tp
tp
25
Ts
MIN
t
L
Figure S14
Note: All temperatures refer to topside of the package, measured on the package
body surface.
W
8.0 ± 0.30
8.0 ± 0.30
8.0 ± 0.30
8.0 ± 0.30
12.0 ± 0.30
24.0 ± 0.30
16.0 ± 0.30
16.0 ± 0.30
16.0 ± 0.30
P0
4.0 ± 0.10
4.0 ± 0.10
4.0 ± 0.10
4.0 ± 0.10
4.0 ± 0.10
4.0 ± 0.10
4.0 ± 0.10
4.0 ± 0.10
4.0 ± 0.10
P1
4.0 ± 0.10
4.0 ± 0.10
4.0 ± 0.10
4.0 ± 0.10
8.0 ± 0.10
8.0 ± 0.10
8.0 ± 0.10
8.0 ± 0.10
12.0 ± 0.10
P2
2.0 ± 0.05
2.0 ± 0.05
2.0 ± 0.05
2.0 ± 0.05
2.0 ± 0.05
2.0 ± 0.10
2.0 ± 0.10
2.0 ± 0.10
2.0 ± 0.10
A0
Table S8
Table S8
1.95 ± 0.10
2.9 ± 0.10
Table S8
5.70 ± 0.10
5.11 ± 0.15
5.6 ± 0.23
6.9 ± 0.23
B0
Table S8
Table S8
Table S8
3.50 ± 0.10
Table S8
11.90 ± 0.10
5.6 ± 0.23
8.1 ± 0.15
9.6 ± 0.15
B1 max.
4.35
4.35
4.35
4.35
8.2
20.1
12.1
12.1
12.1
D0
1.55 ± .05
1.55 ± .05
1.55 ± .05
1.55 ± .05
1.5 + 0.10/ -.00
1.55 ± .05
1.5 + 0.10/ -.00
1.5 + 0.10/ -.00
1.5 + 0.10/ -.00
F
3.50 ± 0.05
3.50 ± 0.05
3.50 ± 0.05
3.50 ± 0.05
5.50 ± 0.05
11.50 ± 0.10
7.50 ± 0.10
7.50 ± 0.10
7.50 ± 0.10
E1
1.75 ± 0.10
1.75 ± 0.10
1.75 ± 0.10
1.75 ± 0.10
1.75 ± 0.10
1.75 ± 0.10
1.75 ± 0.10
1.75 ± 0.10
1.75 ± 0.10
E2 min.
6.25
6.25
6.25
6.25
10.25
22.25
14.25
14.25
14.25
T max.
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
T1 max.
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
K0
Table S8
Table S8
Table S8
Table S8
Table S8
0.95 ± 0.10
1.8 ± 0.15
3.2 ± 0.15
3.4 ± 0.15
Leader min.
390
390
390
390
390
400
400
400
400
Trailer min.
160
160
160
160
160
160
160
160
160
Description
nanoSMDC
EIA 481-1
microSMD
EIA 481-1
miniSMDC
and
decaSMDC050F/60
EIA 481-1
miniSMDE190
EIA 481-2
midSMD
except
decaSMDC050F/60
EIA 481-2
SMD
EIA 481-2
SMD2
EIA 481-2
picoSMDC
EIA 481-1
femtoSMDC
EIA 481-1
Table S7 Tape and Reel Specifications for Surface-mount Devices (in Millimeters)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com