Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STTH310-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH310-Y
Description  Automotive 3 A - 1000 V ultrafast rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH310-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STTH310-Y Datasheet HTML 1Page - STMicroelectronics STTH310-Y Datasheet HTML 2Page - STMicroelectronics STTH310-Y Datasheet HTML 3Page - STMicroelectronics STTH310-Y Datasheet HTML 4Page - STMicroelectronics STTH310-Y Datasheet HTML 5Page - STMicroelectronics STTH310-Y Datasheet HTML 6Page - STMicroelectronics STTH310-Y Datasheet HTML 7Page - STMicroelectronics STTH310-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
•
AEC-Q101 qualified
•
Very low conduction losses
•
Negligible switching losses
•
Low forward and reverse recovery times
•
High junction temperature
•
ECOPACK2 or ECOPACK3 compliant component on demand
Description
The STTH310-Y, which is using ST’s new 1000 V planar technology, is especially
suited for switching mode base drive and transistor circuits.
The device is also intended for use as a free-wheeling diode in power supplies and
other power switching applications in automotive K functions.
SMB Flat
SMB Flat
Wettable leads
Product status link
STTH310-Y
Product summary
IF(AV)
3 A
VRRM
1000 V
Tj (max.)
175 °C
VF (typ.)
0.98 V
Trr (typ.)
52 ns
Automotive 3 A - 1000 V ultrafast rectifier
STTH310-Y
Datasheet
DS10085 - Rev 2 - March 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STTH310-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH310-Y STMICROELECTRONICS-STTH310-Y Datasheet
223Kb / 7P
Very low conduction losses
05-Feb-2014
More results

Similar Description - STTH310-Y

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR8100E ONSEMI-MUR8100E_06 Datasheet
83Kb / 6P
ULTRAFAST RECTIFIERS 8.0 A, 800 V - 1000 V
February, 2006 ??Rev. 3
logo
Kersemi Electronic Co.,...
MUR8100EG KERSEMI-MUR8100EG Datasheet
456Kb / 6P
ULTRAFAST RECTIFIERS 8.0 A, 800 V ??1000 V
logo
STMicroelectronics
STTH602CSF STMICROELECTRONICS-STTH602CSF Datasheet
330Kb / 10P
200 V, dual 3 A ultrafast rectifier
05-Nov-2020
STTH602CSFY STMICROELECTRONICS-STTH602CSFY Datasheet
333Kb / 10P
Automotive 200 V, dual 3 A ultrafast rectifier
06-Nov-2020
STTH1002CSFY STMICROELECTRONICS-STTH1002CSFY Datasheet
334Kb / 10P
Automotive 200 V, dual 5 A ultrafast rectifier
Rev 1 - October 2020
logo
ON Semiconductor
RURG80100-F085 ONSEMI-RURG80100-F085 Datasheet
544Kb / 7P
Ultrafast Rectifier 80 A, 1000 V
March, 2020 - Rev. 3
logo
STMicroelectronics
STTH1R06AFY STMICROELECTRONICS-STTH1R06AFY Datasheet
215Kb / 10P
Automotive 600 V, 1 A, turbo 2 ultrafast rectifier
December 2018 Rev 2
STTH30RQ06L2Y STMICROELECTRONICS-STTH30RQ06L2Y Datasheet
464Kb / 12P
Automotive 600 V, 30 A ultrafast high voltage rectifier
17-Dec-2021
logo
Nexperia B.V. All right...
PNU65030EP-Q NEXPERIA-PNU65030EP-Q Datasheet
255Kb / 12P
650 V, 3 A ultrafast recovery rectifier
1 March 2023
PNU65030EP NEXPERIA-PNU65030EP Datasheet
255Kb / 12P
650 V, 3 A ultrafast recovery rectifier
1 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com