Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSA1203 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TSA1203
Description  Dual-channel 12-bit 40Msps 215mW A/D converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1203 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TSA1203_V01 Datasheet HTML 22Page - STMicroelectronics TSA1203_V01 Datasheet HTML 23Page - STMicroelectronics TSA1203_V01 Datasheet HTML 24Page - STMicroelectronics TSA1203_V01 Datasheet HTML 25Page - STMicroelectronics TSA1203_V01 Datasheet HTML 26Page - STMicroelectronics TSA1203_V01 Datasheet HTML 27Page - STMicroelectronics TSA1203_V01 Datasheet HTML 28Page - STMicroelectronics TSA1203_V01 Datasheet HTML 29Page - STMicroelectronics TSA1203_V01 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Ordering information
TSA1203
28/30
12
Ordering information
Part number
Temperature range
Package
Packing
Marking
TSA1203IFT-E
-40° C to +85° C
TQFP48
Tape & reel
SA1203I
TSA1203IF
-40° C to +85° C
TQFP48
Tray
SA1203I
EVAL1203/BA
Evaluation board
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com