Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSA1203IFT-E Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSA1203IFT-E
Description  Dual-channel 12-bit 40Msps 215mW A/D converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1203IFT-E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSA1203IFT-E Datasheet HTML 3Page - STMicroelectronics TSA1203IFT-E Datasheet HTML 4Page - STMicroelectronics TSA1203IFT-E Datasheet HTML 5Page - STMicroelectronics TSA1203IFT-E Datasheet HTML 6Page - STMicroelectronics TSA1203IFT-E Datasheet HTML 7Page - STMicroelectronics TSA1203IFT-E Datasheet HTML 8Page - STMicroelectronics TSA1203IFT-E Datasheet HTML 9Page - STMicroelectronics TSA1203IFT-E Datasheet HTML 10Page - STMicroelectronics TSA1203IFT-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
TSA1203
Absolute maximum ratings
7/30
5
Absolute maximum ratings
6
Operating conditions
Table 4.
Absolute maximum ratings
Symbol
Parameter
Values
Unit
AVCC
Analog supply voltage (1)
1.
All voltage values, except differential voltage, are with respect to network ground terminal. The magnitude
of input and output voltages must not exceed -0.3 V or VCC.
0 to 3.3
V
DVCC
Digital supply voltage (1)
0 to 3.3
V
VCCBE
Digital buffer supply voltage (1)
0 to 3.6
V
VCCBI
Digital buffer supply voltage (1)
0 to 3.3
V
IDout
Digital output current
-100 to 100
mA
Tstg
Storage temperature
-65 to +150
°C
ESD
HBM: human body model(2)
2.
Electrostatic discharge pulse (ESD pulse) simulating a human body discharge of 100 pF through 1.5 k
Ω..
2
kV
CDM: charged device model(3)
3.
Discharge to ground of a device that has been previously charged.
1.5
Latch-up
Class(4)
4.
ST Microelectronics corporate procedure number 0018695.
A
Table 5.
Operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
AVCC
Analog supply voltage
2.25
2.5
2.7
V
DVCC
Digital supply voltage
2.25
2.5
2.7
V
VCCBE
External digital buffer supply voltage
2.25
2.5
3.5
V
VCCBI
Internal digital buffer supply voltage
2.25
2.5
2.7
V
VREFP I
VREFP Q
Forced top voltage reference
0.94
1.5
V
VREFM I
VREFM Q
Forced bottom reference voltage
0
0.4
V
VINCM I
VINCM Q
Forced input common mode voltage
0.2
1
V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com