Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC0X00D Datasheet(PDF) 21 Page - Texas Instruments

Part # AMC0X00D
Description  AMC0x00D Precision, ±250mV Input, Basic and Reinforced Isolated Amplifiers With Fixed Gain and Differential Output
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0X00D Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC0X00D Datasheet HTML 17Page - Texas Instruments AMC0X00D Datasheet HTML 18Page - Texas Instruments AMC0X00D Datasheet HTML 19Page - Texas Instruments AMC0X00D Datasheet HTML 20Page - Texas Instruments AMC0X00D Datasheet HTML 21Page - Texas Instruments AMC0X00D Datasheet HTML 22Page - Texas Instruments AMC0X00D Datasheet HTML 23Page - Texas Instruments AMC0X00D Datasheet HTML 24Page - Texas Instruments AMC0X00D Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
7.3.3 Analog Output
The AMC0x00D provides a differential analog output voltage on the OUTP and OUTN pins proportional to the
input voltage. For input voltages in the range from VFSR, MIN to VFSR, MAX, the device has a linear response with
an output voltage equal to:
VOUT = VOUTP – VOUTN = 8.2 × VIN = 8.2 × (VINP – VINN)
(1)
At zero input, both pins output the same common-mode output voltage VCMout, as specified in the Electrical
Characteristics table. For absolute input voltages greater than |VFSR | but less than |VClipping|, the differential
output voltage continues to increase in magnitude, but with reduced linearity performance. The outputs saturate
at a differential output voltage of VCLIPout, as shown in Figure 7-2, if the input voltage exceeds the VClipping value.
Linear input range (VFSR)
Maximum input range before clipping (VClipping)
VClipping
VClipping
VFSR
VFSR
0
VOUTP
VOUTN
Input Voltage (VIN)
VCMout
VCLIPout
VFAILSAFE
Figure 7-2. Input to Output Transfer Curve of the AMC0x00D
The AMC0x00D output offers a fail-safe feature that simplifies diagnostics on a system level. Figure 7-2 shows
the behavior in fail-safe mode, in which the AMC0x00D outputs a negative differential output voltage that does
not occur under normal operating conditions. The fail-safe output is active:
• When the high-side supply VDD1 of the AMC0x00D device is missing
• When the high-side supply VDD1 falls below the undervoltage threshold VDD1UV
Use the maximum VFAILSAFE voltage specified in the Electrical Characteristics table as a reference value for
fail-safe detection on a system level.
www.ti.com
AMC0200D, AMC0300D
SBASAR7 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AMC0200D AMC0300D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com