Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SE5117CSG Datasheet(PDF) 3 Page - Estek Electronics Co. Ltd

Part # SE5117CSG
Description  Efficient linear voltage regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

SE5117CSG Datasheet(HTML) 3 Page - Estek Electronics Co. Ltd

  SE5117CSG Datasheet HTML 1Page - Estek Electronics Co. Ltd SE5117CSG Datasheet HTML 2Page - Estek Electronics Co. Ltd SE5117CSG Datasheet HTML 3Page - Estek Electronics Co. Ltd SE5117CSG Datasheet HTML 4Page - Estek Electronics Co. Ltd SE5117CSG Datasheet HTML 5Page - Estek Electronics Co. Ltd SE5117CSG Datasheet HTML 6Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electrical Characteristics
VIN = VOUT + 1.0V (VIN,MIN = 3V); COUT = 4.7µF, IOUT =100µA; TJ =25°C, unless otherwise specified.
SE5117
Symbol
Parameter
Conditions
Min
Typ
Max
Units
10mA
≤ IOUT ≤ 1A, TA=25°C,
VOUT
Output Voltage
Accuracy
Output Voltage
SE5117-1.5, 3.0V
≤ VIN ≤ 5.5V
SE5117-1.8, 3.0V
≤ VIN ≤ 5.5V
SE5117-2.5, 3.5V
≤ VIN ≤ 5.5V
SE5117-2.8, 3.8V
≤ VIN ≤ 5.5V
SE5117-3.0, 4.0V
≤ VIN ≤ 5.5V
SE5117-3.3, 4.3V
≤ VIN ≤ 5.5V
1.470
1.764
2.450
2.744
2.940
3.234
1.5
1.8
2.5
2.8
3.0
3.3
1.530
1.836
2.550
2.856
3.060
3.366
V
V
V
V
V
∆VOUT /∆T
Temperature Coefficient
Note 4
--
40
--
ppm/°C
∆VOUT / VOUT
Line Regulation
VIN = VOUT + 1V to 5.5V
--
0.3
--
%
∆VOUT / VOUT
Load Regulation
(5)
IOUT =10mA to 1A
(5)
--
0.5
--
%
IOUT =10mA
--
9
--
VIN - VOUT
Dropout
(6)Voltage
VOUT<2V
VOUT>2V
IOUT =500mA
--
530
--
IOUT =1A
--
1050
--
IOUT =10mA
--
5.5
--
IOUT =150mA
--
90
--
IOUT =500mA
--
300
--
mV
mV
TPROTECTION
Thermal Protection
Temperature
--
150 --
°C
Protection Hysterisys
--
30
--
°C
PSRR
Ripple Rejection
f =120Hz
--
75
--
dB
IGROUND
Ground Current
IOUT=10mA
--
1
--
mA
I
Current Limit
V
=0V
--
1.5
--
3
BEIJING ESTEK ELECTRONICS CO.,LTD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com