Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS7801 Datasheet(PDF) 3 Page - Intersema Sensoric SA

Part # MS7801
Description  PRESSURE SENSOR DIE (0-1 BAR)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS7801 Datasheet(HTML) 3 Page - Intersema Sensoric SA

  MS7801 Datasheet HTML 1Page - Intersema Sensoric SA MS7801 Datasheet HTML 2Page - Intersema Sensoric SA MS7801 Datasheet HTML 3Page - Intersema Sensoric SA MS7801 Datasheet HTML 4Page - Intersema Sensoric SA  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DA7801_005.doc
May 05th, 2005
3/4
00007801345
ECN 743
FULL SCALE PRESSURE
kPa
bar
mbar
PSI
atm
mm Hg
m H2O
Inches H2O
100
1
1000
14.5
0.987
750
10.197
401
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Min
Max
Unit
Supply voltage
VS+
Ta = 25 oC
20
V
Storage temperature
TS
-40
+150
oC
Pressure overload
5
Bar
ELECTRICAL CHARACTERISTICS
(Reference conditions: Supply Voltage VS+ = 5 Vdc; Ambient Temperature Ta = 25°C )
Parameter
Min
Typ
Max
Unit
Notes
Operating Pressure Range
0
1
Bar
Operating Temperature Range
-40
125
°C
Bridge Resistance
3.0
3.4
3.8
k
Full-scale span (FS)
120
150
180
mV
Zero Pressure Offset
-40
0
40
mV
Linearity
± 0.05
± 0.2
% FS
1
Temperature Coefficient of Resistance
Span
Offset
+ 2400
- 1500
- 80
+ 2800
- 1900
+ 3300
- 2300
+ 80
ppm/°C
ppm/°C
µV/°C
2
Pressure Hysteresis
± 0.05
± 0.15
% FS
3
Repeatability
± 0.05
± 0.15
% FS
4
Temperature Hysteresis
0.3
% FS
5
NOTES
1) Deviation at one half full-scale pressure from the least squares best line fit over pressure range (0 to 1 bar).
2) Slope of the endpoint straight line from 25°C to 60°C.
3) Output deviation at any pressure within the specified range, when this pressure is cycled to and from the minimum or
maximum rated pressure, at 25°C.
4) Same as 3) after 10 pressure cycles
5) Maximum difference in offset after one thermal cycle from -40°C to +125°C.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com