Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP6431DECR.A Datasheet(PDF) 2 Page - Texas Instruments

Part # TMP6431DECR.A
Description  TMP64 ±1% 47-kΩ Linear Thermistor with 0402 and 0603 Package Options
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP6431DECR.A Datasheet(HTML) 2 Page - Texas Instruments

  TMP6431DECR.A Datasheet HTML 1Page - Texas Instruments TMP6431DECR.A Datasheet HTML 2Page - Texas Instruments TMP6431DECR.A Datasheet HTML 3Page - Texas Instruments TMP6431DECR.A Datasheet HTML 4Page - Texas Instruments TMP6431DECR.A Datasheet HTML 5Page - Texas Instruments TMP6431DECR.A Datasheet HTML 6Page - Texas Instruments TMP6431DECR.A Datasheet HTML 7Page - Texas Instruments TMP6431DECR.A Datasheet HTML 8Page - Texas Instruments TMP6431DECR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................4
6 Pin Configuration and Functions...................................5
Pin Functions.................................................................... 5
7 Specifications.................................................................. 6
7.1 Absolute Maximum Ratings ....................................... 6
7.2 ESD Ratings .............................................................. 6
7.3 Recommended Operating Conditions ........................6
7.4 Thermal Information ...................................................6
7.5 Electrical Characteristics ............................................7
7.6 Typical Characteristics................................................ 8
8 Detailed Description......................................................10
8.1 Overview................................................................... 10
8.2 Functional Block Diagram......................................... 10
8.3 Feature Description...................................................11
8.4 Device Functional Modes..........................................11
9 Application and Implementation.................................. 12
9.1 Application Information............................................. 12
9.2 Typical Application.................................................... 12
10 Power Supply Recommendations..............................17
11 Layout........................................................................... 17
11.1 Layout Guidelines................................................... 17
11.2 Layout Example...................................................... 17
12 Device and Documentation Support..........................18
12.1 Receiving Notification of Documentation Updates..18
12.2 Support Resources................................................. 18
12.3 Trademarks.............................................................18
12.4 Electrostatic Discharge Caution..............................18
12.5 Glossary..................................................................18
13 Mechanical, Packaging, and Orderable
Information.................................................................... 18
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (June 2020) to Revision C (September 2020)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Removed DYA package preview........................................................................................................................ 1
• Updated DYA maximum temperature rating to 150 °C in device comparison table........................................... 4
• Removed preview notice on DYA package.........................................................................................................5
• Changed Junction temperature from 150 °C to 155 °C in Absolute Maximum Ratings Table............................ 6
• Changed Storage temperature from 150 °C to 155 °C in Absolute Maximum Ratings Table.............................6
• Added DYA Ambient Temperature Rating to Recommended Operating Conditions Table.................................6
• Added DYA Long Term Drift specifications......................................................................................................... 7
• Changed Typical Characteristics section............................................................................................................8
• Added Application Curve section......................................................................................................................17
Changes from Revision A (March 2019) to Revision B (June 2020)
Page
• Added DYA (SOT-5X3) preview package........................................................................................................... 1
• Updated Device Comparison table..................................................................................................................... 4
• Corrected view description in pin configurations and functions.......................................................................... 5
• Changed ISNS maximum from 400 µA to 100 µA in Recommended Operating Conditions Table...................... 6
TMP64
SNIS212C – DECEMBER 2019 – REVISED SEPTEMBER 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TMP64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com