Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM320VC33-EP Datasheet(PDF) 13 Page - Texas Instruments

Part # SM320VC33-EP
Description  DIGITAL SIGNAL PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SM320VC33-EP Datasheet(HTML) 13 Page - Texas Instruments

Back Button SM320VC33-EP Datasheet HTML 9Page - Texas Instruments SM320VC33-EP Datasheet HTML 10Page - Texas Instruments SM320VC33-EP Datasheet HTML 11Page - Texas Instruments SM320VC33-EP Datasheet HTML 12Page - Texas Instruments SM320VC33-EP Datasheet HTML 13Page - Texas Instruments SM320VC33-EP Datasheet HTML 14Page - Texas Instruments SM320VC33-EP Datasheet HTML 15Page - Texas Instruments SM320VC33-EP Datasheet HTML 16Page - Texas Instruments SM320VC33-EP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251--1443
PLL and clock oscillator control (continued)
Typical crystals in the 8--30 MHz range have a series resistance of 25 Ω, which increases below 8 MHz. To
maintain proper filtering and phase relationships, Rd and Zout of the oscillator circuit should be 10x--40x that of
the crystal. A series compensation resistor (Rd), shown in Figure 5, is recommended when using lower
frequency crystals. The XOUT output, the square wave inverse of XIN, is then filtered by the XOUT output
impedance, C1 load capacitor, and Rd (if present). The crystal and C2 input load capacitor then refilters this
signal, resulting in a XIN signal that is 75--85% of the oscillator supply voltage.
NOTE: Some ceramic resonators are available in a low-cost, three-terminal package that includes C1 and C2
internally. Typically, ceramic resonators do not provide the frequency accuracy of crystals.
NOTE: Better PLL stability can be achieved using the optional power supply isolation circuit shown in Figure 5.
A similar filter can be used to isolate the PLLVSS, as shown in Figure 6. PLLVDD can also be directly connected
to CVDD.
Table 2. Typical Crystal Circuit Loading
FREQUENCY (MHz)
Rd (Ω)
C1 (pF)
C2 (pF)
CL† (pF)
RL† (Ω)
2
4.7k
18
18
12
200
5
2.2k
18
18
12
60
10
470
15
15
12
30
15
0
15
12
12
25
20
0
9
9
10
25
† CL and RL are typical internal series load capacitance and resistance of the crystal.
XOUT
XIN
C1
C2
Crystal
EXTCLK
Rd
PLLVSS
CVDD
100 Ω
PLLVDD
0.1 μF
0.01 μF
Figure 5. Self-Oscillation Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com