Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMUX1237DCKR.A Datasheet(PDF) 2 Page - Texas Instruments

Part # TMUX1237DCKR.A
Description  TMUX1237 3-Ω Low RON, 5-V, 2:1 (SPDT) General Purpose Switch With No Overshoot When Switching Inputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1237DCKR.A Datasheet(HTML) 2 Page - Texas Instruments

  TMUX1237DCKR.A Datasheet HTML 1Page - Texas Instruments TMUX1237DCKR.A Datasheet HTML 2Page - Texas Instruments TMUX1237DCKR.A Datasheet HTML 3Page - Texas Instruments TMUX1237DCKR.A Datasheet HTML 4Page - Texas Instruments TMUX1237DCKR.A Datasheet HTML 5Page - Texas Instruments TMUX1237DCKR.A Datasheet HTML 6Page - Texas Instruments TMUX1237DCKR.A Datasheet HTML 7Page - Texas Instruments TMUX1237DCKR.A Datasheet HTML 8Page - Texas Instruments TMUX1237DCKR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
TMUX1237
SCDS424A – DECEMBER 2019 – REVISED MARCH 2020
www.ti.com
Product Folder Links: TMUX1237
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics (VDD = 5 V ±10 %), GND =
0 V unless otherwise specified. ................................. 5
6.6
Electrical Characteristics (VDD = 3.3 V ±10 %), GND
= 0 V unless otherwise specified. .............................. 7
6.7
Electrical Characteristics (VDD = 1.8 V ±10 %), GND
= 0 V unless otherwise specified. .............................. 9
6.8
Electrical Characteristics (VDD = 1.2 V ±10 %), GND
= 0 V unless otherwise specified. ............................ 11
6.9
Typical Characteristics ............................................ 12
7
Parameter Measurement Information ................ 13
7.1
On-Resistance ........................................................ 13
7.2
Off-Leakage Current ............................................... 13
7.3
On-Leakage Current ............................................... 14
7.4
Transition Time ....................................................... 14
7.5
Break-Before-Make ................................................. 15
7.6
Charge Injection ...................................................... 15
7.7
Off Isolation ............................................................. 16
7.8
Crosstalk ................................................................. 16
7.9
Bandwidth ............................................................... 17
8
Detailed Description ............................................ 18
8.1
Overview ................................................................. 18
8.2
Functional Block Diagram ....................................... 18
8.3
Feature Description................................................. 18
8.4
Device Functional Modes........................................ 19
8.5
Truth Tables ............................................................ 19
9
Application and Implementation ........................ 20
9.1
Application Information............................................ 20
9.2
Typical Application ................................................. 20
10
Power Supply Recommendations ..................... 23
11
Layout................................................................... 24
11.1
Layout Guidelines ................................................. 24
11.2
Layout Example .................................................... 24
12
Device and Documentation Support ................. 25
12.1
Documentation Support ........................................ 25
12.2
Receiving Notification of Documentation Updates 25
12.3
Community Resources.......................................... 25
12.4
Trademarks ........................................................... 25
12.5
Electrostatic Discharge Caution ............................ 25
12.6
Glossary ................................................................ 25
13
Mechanical, Packaging, and Orderable
Information ........................................................... 25
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (Decemeber 2019) to Revision A
Page
•
Changed the document status From: Product Preview To: Production Data ....................................................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com