Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811PBKA Datasheet(PDF) 132 Page - Texas Instruments

Part # TMS320F2811PBKA
Description  TMS320F281x Digital Signal Processors
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 132 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 128Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 129Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 130Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 131Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 132Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 133Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 134Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 135Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 174 page
background image
Table 9-20. Peripheral Frame 2 Registers
NAME(1)
ADDRESS RANGE
SIZE (x16)
ACCESS TYPE
Reserved
0x00 7000 – 0x00 700F
16
System Control Registers
0x00 7010 – 0x00 702F
32
EALLOW Protected
Reserved
0x00 7030 – 0x00 703F
16
SPI-A Registers
0x00 7040 – 0x00 704F
16
Not EALLOW Protected
SCI-A Registers
0x00 7050 – 0x00 705F
16
Not EALLOW Protected
Reserved
0x00 7060 – 0x00 706F
16
External Interrupt Registers
0x00 7070 – 0x00 707F
16
Not EALLOW Protected
Reserved
0x00 7080 – 0x00 70BF
64
GPIO Mux Registers
0x00 70C0 – 0x00 70DF
32
EALLOW Protected
GPIO Data Registers
0x00 70E0 – 0x00 70FF
32
Not EALLOW Protected
ADC Registers
0x00 7100 – 0x00 711F
32
Not EALLOW Protected
Reserved
0x00 7120 – 0x00 73FF
736
EV-A Registers
0x00 7400 – 0x00 743F
64
Not EALLOW Protected
Reserved
0x00 7440 – 0x00 74FF
192
EV-B Registers
0x00 7500 – 0x00 753F
64
Not EALLOW Protected
Reserved
0x00 7540 – 0x00 774F
528
SCI-B Registers
0x00 7750 – 0x00 775F
16
Not EALLOW Protected
Reserved
0x00 7760 – 0x00 77FF
160
McBSP Registers
0x00 7800 – 0x00 783F
64
Not EALLOW Protected
Reserved
0x00 7840 – 0x00 7FFF
1984
(1)
Peripheral Frame 2 only allows 16-bit accesses. All 32-bit accesses are ignored (invalid data may be returned or written).
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
www.ti.com
132
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com