Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811PBKA Datasheet(PDF) 134 Page - Texas Instruments

Part # TMS320F2811PBKA
Description  TMS320F281x Digital Signal Processors
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 134 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 130Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 131Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 132Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 133Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 134Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 135Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 136Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 137Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 138Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 174 page
background image
9.6 External Interface, XINTF (F2812 Only)
This section gives a top-level view of the external interface (XINTF) that is implemented on the F2812 device.
The external interface is a non-multiplexed asynchronous bus, similar to the C240x external interface. The
external interface on the F2812 is mapped into five fixed zones shown in Figure 9-16.
Figure 9-16 shows the F2812 XINTF signals.
XD[15:0]
XA[18:0]
XZCS6
XZCS7
XZCS6AND7
XZCS2
XWE
XR/W
XREADY
XMP/MC
XHOLD
XHOLDA
XCLKOUT
(E)
XRD
XINTF Zone 0
(8K x 16)
XINTF Zone 1
(8K x 16)
XINTF Zone 2
(512K x 16)
XINTF Zone 6
(512K x 16)
XINTF Zone 7
(16K x 16)
(mapped here if MP/
= 1)
MC
0x40 0000
0x3F C000
0x18 0000
0x10 0000
0x00 6000
0x00 4000
0x00 2000
0x00 0000
Data Space
Prog Space
0x08 0000
XZCS0AND1
XZCS0
XZCS1
A. The mapping of XINTF Zone 7 is dependent on the XMP/ MC device input signal and the MP/ MC mode bit (bit 8 of XINTCNF2 register).
Zones 0, 1, 2, and 6 are always enabled.
B. Each zone can be programmed with different wait states, setup and hold timing, and is supported by zone chip selects ( XZCS0AND1,
XZCS2, XZCS6AND7), which toggle when an access to a particular zone is performed. These features enable glueless connection to
many external memories and peripherals.
C. The chip selects for Zone 0 and Zone 1 are ANDed internally together to form one chip select ( XZCS0AND1). Any external memory that
is connected to XZCS0AND1 is dually mapped to both Zone 0 and Zone 1.
D. The chip selects for Zone 6 and Zone 7 are ANDed internally together to form one chip select ( XZCS6AND7). Any external memory that
is connected to XZCS6AND7 is dually mapped to both Zone 6 and Zone 7. This means that if Zone 7 is disabled (via the MP/ MC mode),
then any external memory is still accessible via Zone 6 address space.
E. XCLKOUT is also pinned out on the F2810 and F2811 devices.
Figure 9-16. External Interface Block Diagram
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
www.ti.com
134
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com