Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPA2016D2YZHT Datasheet(PDF) 3 Page - Texas Instruments

Part # TPA2016D2YZHT
Description  TPA2016D2 2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2016D2YZHT Datasheet(HTML) 3 Page - Texas Instruments

  TPA2016D2YZHT Datasheet HTML 1Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 2Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 3Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 4Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 5Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 6Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 7Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 8Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
3
TPA2016D2
www.ti.com
SLOS524E – JUNE 2008 – REVISED MAY 2016
Product Folder Links: TPA2016D2
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Changes from Revision B (June 2008) to Revision C
Page
•
Changed RLOADfrom 6.4 Ω to 3.2Ω ......................................................................................................................................... 5
Changes from Revision A (June 2008) to Revision B
Page
•
Changed Feature High PSRR From: 75 dB at 217 Hz To: 80 dB.......................................................................................... 1
•
Added 00 to Default column ................................................................................................................................................. 25
•
Added 00 to Default column ................................................................................................................................................. 26
•
Added 00 to Default column ................................................................................................................................................. 26
Changes from Original (June 2008) to Revision A
Page
•
Changed From: 1.4 W/Ch Into 8
Ω at 5 V (10% THD+N) To: 1.7 W/Ch Into 8 Ω at 5 V (10% THD+N) ............................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com