Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F28023DAS Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS320F28023DAS
Description  TMS320F2802x Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320F28023DAS Datasheet(HTML) 2 Page - Texas Instruments

  TMS320F28023DAS Datasheet HTML 1Page - Texas Instruments TMS320F28023DAS Datasheet HTML 2Page - Texas Instruments TMS320F28023DAS Datasheet HTML 3Page - Texas Instruments TMS320F28023DAS Datasheet HTML 4Page - Texas Instruments TMS320F28023DAS Datasheet HTML 5Page - Texas Instruments TMS320F28023DAS Datasheet HTML 6Page - Texas Instruments TMS320F28023DAS Datasheet HTML 7Page - Texas Instruments TMS320F28023DAS Datasheet HTML 8Page - Texas Instruments TMS320F28023DAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 147 page
background image
3 Description
C2000™ 32-bit microcontrollers are optimized for processing, sensing, and actuation to improve closed-loop
performance in real-time control applications such as industrial motor drives; solar inverters and digital power;
electrical vehicles and transportation; motor control; and sensing and signal processing. The C2000 line includes
the Premium performance MCUs and the Entry performance MCUs.
The F2802x family of microcontrollers provides the power of the C28x core coupled with highly integrated control
peripherals in low pin-count devices. This family is code-compatible with previous C28x-based code, and also
provides a high level of analog integration.
An internal voltage regulator allows for single-rail operation. Enhancements have been made to the HRPWM to
allow for dual-edge control (frequency modulation). Analog comparators with internal 10-bit references have
been added and can be routed directly to control the PWM outputs. The ADC converts from 0 to 3.3-V fixed full-
scale range and supports ratio-metric VREFHI/VREFLO references. The ADC interface has been optimized for low
overhead and latency.
To learn more about the C2000 MCUs, visit the C2000 Overview at www.ti.com/c2000.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE
TMS320F28027PT
LQFP (48)
7.0 mm × 7.0 mm
TMS320F28026PT
LQFP (48)
7.0 mm × 7.0 mm
TMS320F28023PT
LQFP (48)
7.0 mm × 7.0 mm
TMS320F28022PT
LQFP (48)
7.0 mm × 7.0 mm
TMS320F28021PT
LQFP (48)
7.0 mm × 7.0 mm
TMS320F28020PT
LQFP (48)
7.0 mm × 7.0 mm
TMS320F280200PT
LQFP (48)
7.0 mm × 7.0 mm
TMS320F28027DA
TSSOP (38)
12.5 mm × 6.2 mm
TMS320F28026DA
TSSOP (38)
12.5 mm × 6.2 mm
TMS320F28023DA
TSSOP (38)
12.5 mm × 6.2 mm
TMS320F28022DA
TSSOP (38)
12.5 mm × 6.2 mm
TMS320F28021DA
TSSOP (38)
12.5 mm × 6.2 mm
TMS320F28020DA
TSSOP (38)
12.5 mm × 6.2 mm
TMS320F280200DA
TSSOP (38)
12.5 mm × 6.2 mm
(1)
For more information on these devices, see Mechanical, Packaging, and Orderable Information.
TMS320F28027, TMS320F28027-Q1, TMS320F28027F, TMS320F28027F-Q1, TMS320F28026
TMS320F28026-Q1, TMS320F28026F, TMS320F28026F-Q1, TMS320F28023
TMS320F28023-Q1, TMS320F28022, TMS320F28021, TMS320F28020, TMS320F280200
SPRS523P – NOVEMBER 2008 – REVISED FEBRUARY 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28027 TMS320F28027-Q1 TMS320F28027F TMS320F28027F-Q1
TMS320F28026 TMS320F28026-Q1 TMS320F28026F TMS320F28026F-Q1 TMS320F28023 TMS320F28023-
Q1 TMS320F28022 TMS320F28021 TMS320F28020 TMS320F280200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com