Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPA3136D2PWPR Datasheet(PDF) 2 Page - Texas Instruments

Part # TPA3136D2PWPR
Description  TPA3136D2, TPA3136AD2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3136D2PWPR Datasheet(HTML) 2 Page - Texas Instruments

  TPA3136D2PWPR Datasheet HTML 1Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 2Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 3Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 4Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 5Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 6Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 7Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 8Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2
TPA3136D2, TPA3136AD2
SLOS938F – MAY 2016 – REVISED JANUARY 2020
www.ti.com
Product Folder Links: TPA3136D2 TPA3136AD2
Submit Documentation Feedback
Copyright © 2016–2020, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 4
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 6
7.1
Absolute Maximum Ratings ...................................... 6
7.2
ESD Ratings ............................................................ 6
7.3
Recommended Operating Conditions ....................... 6
7.4
Thermal Information .................................................. 7
7.5
Electrical Characteristics........................................... 7
7.6
Switching Characteristics .......................................... 7
7.7
Typical Characteristics .............................................. 8
8
Parameter Measurement Information ................ 10
9
Detailed Description ............................................ 11
9.1
Overview ................................................................. 11
9.2
Functional Block Diagram ....................................... 12
9.3
Feature Description................................................. 13
9.4
Device Functional Modes........................................ 16
10
Application and Implementation........................ 17
10.1
Application Information.......................................... 17
10.2
Typical Applications ............................................. 17
11
Power Supply Recommendations ..................... 24
11.1
Power Supply Decoupling, CS ............................. 24
12
Layout................................................................... 25
12.1
Layout Guidelines ................................................. 25
12.2
Layout Example .................................................... 26
13
Device and Documentation Support ................. 27
13.1
Device Support .................................................... 27
13.2
Documentation Support ....................................... 27
13.3
Related Links ........................................................ 27
13.4
Receiving Notification of Documentation Updates 27
13.5
Support Resources ............................................... 27
13.6
Trademarks ........................................................... 27
13.7
Electrostatic Discharge Caution ............................ 27
13.8
Glossary ................................................................ 27
14
Mechanical, Packaging, and Orderable
Information ........................................................... 28
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (December 2017) to Revision F
Page
•
Changed the Functional Block Diagram, missing and unconnected lines .......................................................................... 12
Changes from Revision D (March 2017) to Revision E
Page
•
Changed the Supply Voltage (AVCC to GND, PVCC to GND) MAX value From: 16 V To: 20 V in the Absolute
Maximum Ratings ................................................................................................................................................................... 6
•
Changed Figure 18 .............................................................................................................................................................. 17
•
Changed Figure 19 .............................................................................................................................................................. 18
Changes from Revision C (March 2017) to Revision D
Page
•
Changed text From: "channel exceeds 14% (for example, +57%, –43%)." To: "channel exceeds 24% (±10%)." in the
DC Detect section................................................................................................................................................................. 14
•
Deleted text "The inputs must remain at or above the voltage..." from the DC Detect section............................................ 14
Changes from Revision B (June 2016) to Revision C
Page
•
Added TPA3136AD2 device to data sheet............................................................................................................................. 1
Changes from Revision A (June 2016) to Revision B
Page
•
Updated Thermal Characteristics .......................................................................................................................................... 7
•
Fixed Output Power characteristic to match initial description .............................................................................................. 7
•
Fixed duplicate graph issue ................................................................................................................................................... 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com