Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPD2E009DBZR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPD2E009DBZR
Description  TPD2E009 2-Channel ESD Solution for High-Speed (6-Gbps) Differential Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD2E009DBZR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPD2E009DBZR Datasheet HTML 3Page - Texas Instruments TPD2E009DBZR Datasheet HTML 4Page - Texas Instruments TPD2E009DBZR Datasheet HTML 5Page - Texas Instruments TPD2E009DBZR Datasheet HTML 6Page - Texas Instruments TPD2E009DBZR Datasheet HTML 7Page - Texas Instruments TPD2E009DBZR Datasheet HTML 8Page - Texas Instruments TPD2E009DBZR Datasheet HTML 9Page - Texas Instruments TPD2E009DBZR Datasheet HTML 10Page - Texas Instruments TPD2E009DBZR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TPD2E009
D+
D-
TPD2E009
D+
D-
D+
D+
D-
D-
Core
Chip
High-Speed
Interface
TPD2E009
www.ti.com
SLVS953B – JUNE 2009 – REVISED AUGUST 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TPD2E009 device is a diode-array type TVS typically used to provide a path to ground for dissipating ESD
events on high-speed signal lines between a human-interface connector and a system. As the current from ESD
passes through the TVS, only a small voltage drop is present across the diode. This is the voltage presented to
the protected IC. The low RDYN of the triggered TVS holds this voltage, VCLAMP, to a tolerable level to the
protected IC.
8.2 Typical Application
The TPD2E009 device is typically used to protect a single high-speed differential pair. Multiple TPD2E009
devices can be used to provide protection for connectors with multiple differential data lanes. This example is
applicable to many interface types including:
•
HDMI
•
USB
•
eSATA
•
ethernet interfaces
Figure 7. TPD2E009 in a High-Speed Interface
8.2.1 Design Requirements
For this design example, TPD2E009 is used to protect any differential data pair meeting the design requirements
shown in the following table.
DESIGN PARAMETER
VALUE
Maximum signal range on D+ and D–
0 V to 5.5 V
Maximum Operating Frequency
3 GHz
8.2.2 Detailed Design Procedure
To begin the design process, some parameters must be decided upon; the designer must know the following:
•
The signal voltage range on the protected lines
•
The maximum operating frequency
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPD2E009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com