Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPD2EUSB30A Datasheet(PDF) 23 Page - Texas Instruments

Part # TPD2EUSB30A
Description  TPDxEUSB30 2-, 4-Channel ESD Protection for Super-Speed USB 3.0 Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD2EUSB30A Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPD2EUSB30A Datasheet HTML 19Page - Texas Instruments TPD2EUSB30A Datasheet HTML 20Page - Texas Instruments TPD2EUSB30A Datasheet HTML 21Page - Texas Instruments TPD2EUSB30A Datasheet HTML 22Page - Texas Instruments TPD2EUSB30A Datasheet HTML 23Page - Texas Instruments TPD2EUSB30A Datasheet HTML 24Page - Texas Instruments TPD2EUSB30A Datasheet HTML 25Page - Texas Instruments TPD2EUSB30A Datasheet HTML 26Page - Texas Instruments TPD2EUSB30A Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
www.ti.com
PACKAGE OUTLINE
C
8X
0.25
0.15
8X
0.465
0.265
2X
2
4X 0.5
0.55 MAX
0.05
0.00
0.45
0.35
0.35
0.25
(0.8)
B
1.1
0.9
A
2.6
2.4
(0.1) TYP
USON - 0.55 mm max height
DQA0010B
PLASTIC SMALL OUTLINE - NO LEAD
4230307/A 12/2023
PIN 1
INDEX AREA
SEATING PLANE
0.08 C
1
5
6
10
0.1
C A B
0.05
C
0.1
C A B
0.05
C
3
PIN 1 ID
8
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
SYMM
SYMM
SCALE 6.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com