Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

062.08 Datasheet(PDF) 8 Page - Finder Relays, Inc.

Part # 062.08
Description  Power relays 16 A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINDER [Finder Relays, Inc.]
Direct Link  https://www.findernet.com/en/uk
Logo FINDER - Finder Relays, Inc.

062.08 Datasheet(HTML) 8 Page - Finder Relays, Inc.

Back Button 062.08 Datasheet HTML 4Page - Finder Relays, Inc. 062.08 Datasheet HTML 5Page - Finder Relays, Inc. 062.08 Datasheet HTML 6Page - Finder Relays, Inc. 062.08 Datasheet HTML 7Page - Finder Relays, Inc. 062.08 Datasheet HTML 8Page - Finder Relays, Inc. 062.08 Datasheet HTML 9Page - Finder Relays, Inc. 062.08 Datasheet HTML 10Page - Finder Relays, Inc. 062.08 Datasheet HTML 11Page - Finder Relays, Inc. 062.08 Datasheet HTML 12Page - Finder Relays, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
62
SERIES
62 Series - Power relays 16 A
A
Nominal
Coil
Operating range
Resistance Rated coil
voltage
code
consumption
UN
Umin
Umax
R
I
at UN (50Hz)
V
V
V
Ω
mA
6
8.006
5.1
6.6
4
540
12
8.012
10.2
13.2
14
275
24
8.024
20.4
26.4
62
130
48
8.048
40.8
52.8
220
70
60
8.060
51
66
348
55
110
8.110
93.5
121
1,200
30
120
8.120
106
137
1,350
24
230
8.230
196
253
5,000
14
240
8.240
204
264
6,300
12.5
400
8.400
340
440
14,700
7.8
Nominal
Coil
Operating range
Resistance Rated coil
voltage
code
consumption
UN
Umin
Umax
R
I
at UN
V
V
V
Ω
mA
6
9.006
5.1
6.6
12
500
12
9.012
10.2
13.2
48
250
24
9.024
20.4
26.4
192
125
48
9.048
40.8
52.8
770
63
60
9.060
51
66
1,200
50
110
9.110
93.5
121
4,200
26
125
9.125
106
138
5,200
24
220
9.220
187
242
17,600
12.5
Nominal
Coil
Operating range
Resistance Rated coil
voltage
code
consumption
UN
Umin
Umax
R
I
at UN
V
V
V
Ω
mA
6
9.006
4.8
6.6
28
214
12
9.012
9.6
13.2
110
109
24
9.024
19.2
26.4
445
54
48
9.048
38.4
52.8
1,770
27
60
9.060
48
66
2,760
21.7
110
9.110
88
121
9,420
11.7
125
9.125
100
138
12,000
10.4
220
9.220
176
242
37,300
5.8
Nominal
Coil
Operating range
Resistance Rated coil
voltage
code
consumption
UN
Umin
Umax
R
I
at UN (50Hz)
V
V
V
Ω
mA
6
8.006
4.8
6.6
4.6
367
12
8.012
9.6
13.2
19
183
24
8.024
19.2
26.4
74
90
48
8.048
38.4
52.8
290
47
60
8.060
48
66
450
37
110
8.110
88
121
1,600
20
120
8.120
96
132
1,940
18.6
230
8.230
184
253
7,250
10.5
240
8.240
192
264
8,500
9.2
400
8.400
320
440
19,800
6
AC version data
DC version data
Coil specifications
DC (NO/nPST-NO) version data - ≥ 3 mm
AC (NO/nPST-NO) version data - ≥ 3 mm
Nominal
Coil
Operating range
Resistance Rated coil
voltage
code
consumption
UN
Umin
Umax
R
I
at UN
V
V
V
Ω
mA
6
9.006
5.1
6.6
28
214
12
9.012
10.2
13.2
110
109
24
9.024
20.4
26.4
445
54
48
9.048
40.8
52.8
1,770
27
60
9.060
51
66
2,760
21.7
110
9.110
93.5
121
9,420
11.7
125
9.125
106
138
12,000
10.4
220
9.220
154*
242
37,300
5.8
DC (NO/nPST-NO) magnetic blow version - > 2.1 mm or > 4.2 mm
* Special version with Umin = 70 % UN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com