Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC2012TP-240J Datasheet(PDF) 3 Page - ABCO ELECTRONICS CO.LTD

Part # LMC2012TP-240J
Description  CERAMIC CHIP INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LMC2012TP-240J Datasheet(HTML) 3 Page - ABCO ELECTRONICS CO.LTD

  LMC2012TP-240J Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD LMC2012TP-240J Datasheet HTML 2Page - ABCO ELECTRONICS CO.LTD LMC2012TP-240J Datasheet HTML 3Page - ABCO ELECTRONICS CO.LTD LMC2012TP-240J Datasheet HTML 4Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
34
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
Odering code1
Inductance2
Tolerance3
Q4
SRF Min5
Rdc Max6
Idc Max7
900MHz
1.7GHz
(nH)
(%)
(min.)
(MHZ)
(
Ω)
(mA)
L Typ
Q Typ
L Typ
Q Typ
ITEM PART NUMBERS
33N
68N
3N9
22N
12N
R12
33N
68N
3N9
22N
12N
R12
100
200
100
125
175
150
50
25
75
0
Frequency(MHz)
80
60
40
20
10
1
100
1000
10000
Frequency(MHz)
10
1
100
1000
10000
0
LMC 1608
1. How to order
LM
C
1608
TP
1N6
J
(1)
(2)
(3)
(4)
(5)
(6)
(1) Part name
(2) Material
(3) Body size
(4) TP: Taping
(5) Inductance
Ex: 1N6(1.6nH), 27N(27nH), R27(270nH)
(6) Inductance Tol.
2. Inductance measured: RF LCR METER(HP4286A) + 16193A fixture
3. G=
± 2%, J= ± 5%, K= ± 10%
4. Q measured: RF LCR METER(HP4286A) + 16193A fixture
5. SRF measured: NETWORK ANALYZER(HP8753D) + ABCO SMD-D test fixture
6. Rdc measured: RF LCR METER(HP4286A) + 16193A fixture
7. For 15
˚C Rise
●Q vs F Characteristic
●L vs F Characteristic
■ELECTRICAL CHARACTERISTICS
LMC 1608TP-1N6G,J
LMC 1608TP-1N8G,J
LMC 1608TP-3N6G,J
LMC 1608TP-3N9G,J
LMC 1608TP-4N3G,J
LMC 1608TP- 4N7G,J
LMC 1608TP- 5N1G,J
LMC 1608TP- 6N8G,J
LMC 1608TP- 7N5G,J
LMC 1608TP- 8N7G,J
LMC 1608TP- 9N5G,J
LMC 1608TP- 10NG,J
LMC 1608TP- 11NG,J
LMC 1608TP- 12NG,J
LMC 1608TP- 15NG,J
LMC 1608TP- 16NG,J
LMC 1608TP- 18NG,J
LMC 1608TP- 20NG,J
LMC 1608TP- 22NG,J
LMC 1608TP- 24NG,J
LMC 1608TP- 27NG,J
LMC 1608TP- 30NG,J
LMC 1608TP- 33NG,J
LMC 1608TP- 36NG,J
LMC 1608TP- 39NG,J
LMC 1608TP- 43NG,J
LMC 1608TP- 47NG,J
LMC 1608TP- 56NG,J
LMC 1608TP- 68NG,J
LMC 1608TP- 72NG,J
LMC 1608TP- 82NG,J
LMC 1608TP- R10G,J
LMC 1608TP- R11G,J
LMC 1608TP- R12G,J
LMC 1608TP- R15G,J
LMC 1608TP- R18G,J
LMC 1608TP- R22G,J
LMC 1608TP- R27G,J
LMC 1608TP- R30G,J
LMC 1608TP- R33G,J
1.6 @ 250MHz
1.8 @ 250MHz
3.6 @ 250MHz
3.9 @ 250MHz
4.3 @ 250MHz
4.7 @ 250MHz
5.1 @ 250MHz
6.8 @ 250MHz
7.5 @ 250MHz
8.7 @ 250MHz
9.5 @ 250MHz
10 @ 250MHz
11 @ 250MHz
12 @ 250MHz
15 @ 250MHz
16 @ 250MHz
18 @ 250MHz
20 @ 250MHz
22 @ 250MHz
24 @ 250MHz
27 @ 250MHz
30 @ 250MHz
33 @ 250MHz
36 @ 250MHz
39 @ 250MHz
43 @ 250MHz
47 @ 200MHz
56 @ 200MHz
68 @ 200MHz
72 @ 150MHz
82 @ 150MHz
100 @ 150MHz
110 @ 150MHz
120 @ 150MHz
150 @ 150MHz
180 @ 150MHz
220 @ 100MHz
270 @ 100MHz
300 @ 100MHz
330 @ 100MHz
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
24
16
22
22
22
20
20
27
28
28
28
31
33
35
35
34
35
40
38
37
40
37
40
38
40
39
38
38
37
34
34
34
32
32
28
25
25
24
25
22
12500
12500
5900
6900
5900
0.030
0.045
0.063
0.080
0.063
0.116
0.140
0.110
0.106
0.109
0.135
0.130
0.086
0.130
0.170
0.104
0.170
0.140
0.190
0.135
0.220
0.144
0.220
0.250
0.250
0.280
0.250
0.310
0.340
0.490
0.540
0.580
0.610
0.750
0.920
1.250
1.900
2.900
2.900
4.200
1.67
1.63
3.72
3.95
4.32
4.72
4.93
6.75
7.70
8.86
9.70
10.0
11.0
12.3
15.4
16.2
18.7
20.8
22.8
24.5
29.2
31.4
36.0
39.4
42.7
47.0
52.2
62.5
80.5
82.0
96.2
124
138
166
250
305
480
980
-
-
49
35
53
49
50
47
47
60
60
62
59
66
53
72
64
55
70
71
73
45
74
47
67
47
60
44
62
56
54
53
54
49
43
39
25
22
8
4
-
-
1.65
1.66
3.71
3.96
4.33
4.75
4.95
7.10
7.82
9.32
9.92
10.6
11.5
13.5
16.8
17.3
21.4
23.7
26.1
28.7
34.6
39.9
49.5
52.7
60.2
64.9
77.2
97.0
168
135
177
-
-
-
-
-
-
-
-
-
63
50
65
67
70
57
56
81
65
58
61
83
56
83
89
52
69
70
71
39
65
28
42
24
40
21
35
26
21
20
21
-
-
-
-
-
-
-
-
-
5800
5700
5800
4800
4600
5400
4800
4000
4000
4000
3300
3100
3000
3000
2650
2800
2250
2300
2080
2200
2000
2000
1900
1700
1700
1700
1400
1350
1300
990
990
900
900
800
600
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
600
600
600
600
600
600
600
600
600
400
400
400
300
300
280
240
200
170
150
100
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com