Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC-49/S Datasheet(PDF) 8 Page - Multicomp Pro

Part # HC-49/S
Description  Crystals
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

HC-49/S Datasheet(HTML) 8 Page - Multicomp Pro

  HC-49/S Datasheet HTML 1Page - Multicomp Pro HC-49/S Datasheet HTML 2Page - Multicomp Pro HC-49/S Datasheet HTML 3Page - Multicomp Pro HC-49/S Datasheet HTML 4Page - Multicomp Pro HC-49/S Datasheet HTML 5Page - Multicomp Pro HC-49/S Datasheet HTML 6Page - Multicomp Pro HC-49/S Datasheet HTML 7Page - Multicomp Pro HC-49/S Datasheet HTML 8Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Page <8>
V1.0
09/12/19
Crystals
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Specification Table
Nominal Frequency Range
10 to 30 MHz
30 to 60 MHz
Vibration Mode
Fundamental (AT)
3rd Overtone (AT)
Frequency Tolerance at 25°C
±20, ±30 or ±50ppm
Temperature Stability
±30 or ±50ppm
Operating Temperature Range
-20°C to +70°C
Storage Temperature Range
-30°C to +80°C
Load Capacitance
8pF to 32pF or series
Equivalent Series Resistance
See ESR table below
Shunt Capacitance
7pF maximum
Drive Level
100μW maximum
Insulation Resistance
500MΩ minimum at 100V DC
Aging
±5ppm per year
ESR Table
Case
Vibration
HC 49U
Frequency
Mode
Ω Maximum
10 - 13.99 MHz
F
60
14 - 30 MHz
F
50
30 - 60 MHz
3
100
Part Number Table
Case
Frequency
(MHz)
Frequency
Tolerance
(PPM)
Temperature
Stability
(PPM)
Temperature
Range
60 = -10 to +60
70 = -20 to +70
Load
Capacitance
pf
00 = Series
Vibration
Mode
AT Cut
F = Fund
0.3 Overtone
Ant Part
Number
DX57
10
30
50
70
20
ATF
XTL-7024
DX57
11.0592
30
50
70
20
ATF
XTL-7026
DX57
12
30
50
70
20
ATF
XTL-7029
DX57
18.432
30
50
70
20
ATF
XTL-7036
DX57
19.6608
30
50
70
20
ATF
XTL-7040
DX57
24
30
50
70
20
ATF
XTL-7047
DX57
27
30
50
70
20
ATF
XTL-7052
DX57
32
30
50
70
20
AT3
XTL-7056



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com