Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPF3010T-101M Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPF3010T-101M
Description  Mobile phone, Desk top PC,Note PC, Back Light,HDD, DC-DC converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPF3010T-101M Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPF3010T-101M Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
13
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
Part name
Dimensions(mm)
Packing style
Inductance value[
µH]
Inductance Tol. (%)
Ordering Code
Inductance
Inductance
Test Freq.
DC Resistance
Rated
(
µH)
TOL.(%)
(KHz)
(Ω)Max
Current(A)
4.0
± 0.15
3.2
± 0.15
5.1
2.1
0.9
4.5
■FEATURES
• LPN series:
Small size wound chip inductor with DC resistance
These parts can be used in high-density mounting
configurations.
• LPF series:
Low profile, low DC resistance,and high current
handling capacities.
Because they are magnetically shielded
• LPL series:
This is a Low DC resistance,best for the power supply line.
There is a series of many types from low inductance to
high inductance in large current.
• LPM series:
Low profile,high current,and low resistance.
The low profile makes the inductor particularly optimal
for power circuit applications requiring low voltages
and high current.
• Inductance: Agilent 4284A LCR Meter (100KHz 0.5V)
• Rdc: HIOKI 3540 mΩ HiTESTER
• Bias Curren: Agilent 4284A + Agilent 42841A
• Inductance drop = 10%typ. at rated current
■APPLICATION
Mobile phone, Desk top PC,Note PC, Back Light,
HDD, DC-DC
converter and other electronic equipment.
■ORDERING CODE
LPN4532 SERIES
SMD Nonshielded type
LPF
L
×W×H: 2.8×2.8×1.0
T
Taping
B
Bulk
4R7
4.7
100
10
680
68
101
100
102
1000
472
4700
J
± 5
K
± 10
M
± 20
N
± 30
1
3
4
2
5
3010
2
LPF
1
4R7
4
M
5
T
3
■SHAPES & DIMENSIONS
RECOMMENDED PCB PATTERN
(Dimensions in mm)
■TEST EQUIPMENTS
-20 ~ +85˚C (Including self-generated heat)
■OPERATING TEMPERATURE RANGE
■ELECTRICAL CHARACTERISTICS
LPN4532T-1R0M
LPN4532T-1R5M
LPN4532T-2R2M
LPN4532T-3R3M
LPN4532T-4R7M
LPN4532T-6R8M
LPN4532T-100K
LPN4532T-150K
LPN4532T-220K
LPN4532T-330K
LPN4532T-470K
LPN4532T-680K
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
0.048
0.056
0.071
0.086
0.108
0.131
0.182
0.235
0.378
0.540
0.844
1.117
2.7
2.6
1.9
1.7
1.5
1.3
1.1
0.85
0.68
0.56
0.44
0.37
100
± 20
± 10
SMD TYPE


Similar Part No. - LPF3010T-101M

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF3010T-100M ABCO-LPF3010T-100M Datasheet
107Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF3010T-100N ABCO-LPF3010T-100N Datasheet
462Kb / 1P
SMD SHIELDED TYPE
More results

Similar Description - LPF3010T-101M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6155FVM ROHM-BD6155FVM Datasheet
111Kb / 8P
DC/DC converter for LCD back light
BD1937G ROHM-BD1937G Datasheet
291Kb / 6P
Step-up DC/DC converter for mobile phone
BD6063HFN ROHM-BD6063HFN Datasheet
214Kb / 6P
Synchronous rectification step-up DC/DC converter for mobile phone
BD6067GU ROHM-BD6067GU Datasheet
314Kb / 6P
Step-up DC/DC converter for mobile phone
BD6071HFN ROHM-BD6071HFN Datasheet
312Kb / 6P
Synchronous rectification step-up DC/DC converter for mobile phone
BD6072HFN ROHM-BD6072HFN Datasheet
313Kb / 6P
Synchronous rectification step-up DC/DC converter for mobile phone
BD9532EKN ROHM-BD9532EKN Datasheet
328Kb / 6P
Step down DC/DC converter Controller for NOTE PC
BD9533EKN ROHM-BD9533EKN Datasheet
354Kb / 6P
Step down DC/DC converter Controller for NOTE PC
BD6069GUT ROHM-BD6069GUT Datasheet
280Kb / 6P
Synchronous rectification step-up DC/DC converter for mobile phone
BD9560MUV ROHM-BD9560MUV Datasheet
393Kb / 6P
Step down DC/DC converter controller for mobile PC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com