Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADMV8809ACCZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADMV8809ACCZ-R7
Description  0.5GHz to 9GHz, Digitally Tunable, High-Pass Filters and Low-Pass Filters
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8809ACCZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADMV8809ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
Data Sheet
ADMV8809
REGISTER SUMMARY
analog.com
Rev. 0 | 28 of 54
Table 6. ADMV8809 Register Summary (Continued)
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Acce
ss
0x67
LUTB_3_FILTER [7:0]
LUTB_3_FILTER_
POINTER
LUTB_3_HPF
LUTB_3_LPF
0x00
R/W
0x68
LUTB_4_SW
[7:0]
RESERVED
LUTB_4_SW_SELECT
0x00
R/W
0x69
LUTB_4_FILTER [7:0]
LUTB_4_FILTER_
POINTER
LUTB_4_HPF
LUTB_4_LPF
0x00
R/W
0x6A LUTB_5_SW
[7:0]
RESERVED
LUTB_5_SW_SELECT
0x00
R/W
0x6B LUTB_5_FILTER [7:0]
LUTB_5_FILTER_
POINTER
LUTB_5_HPF
LUTB_5_LPF
0x00
R/W
0x6C LUTB_6_SW
[7:0]
RESERVED
LUTB_6_SW_SELECT
0x00
R/W
0x6D LUTB_6_FILTER [7:0]
LUTB_6_FILTER_
POINTER
LUTB_6_HPF
LUTB_6_LPF
0x00
R/W
0x6E LUTB_7_SW
[7:0]
RESERVED
LUTB_7_SW_SELECT
0x00
R/W
0x6F LUTB_7_FILTER [7:0]
LUTB_7_FILTER_
POINTER
LUTB_7_HPF
LUTB_7_LPF
0x00
R/W
0x70
LUTB_8_SW
[7:0]
RESERVED
LUTB_8_SW_SELECT
0x00
R/W
0x71
LUTB_8_FILTER [7:0]
LUTB_8_FILTER_
POINTER
LUTB_8_HPF
LUTB_8_LPF
0x00
R/W
0x72
LUTB_9_SW
[7:0]
RESERVED
LUTB_9_SW_SELECT
0x00
R/W
0x73
LUTB_9_FILTER [7:0]
LUTB_9_FILTER_
POINTER
LUTB_9_HPF
LUTB_9_LPF
0x00
R/W
0x74
LUTB_10_SW
[7:0]
RESERVED
LUTB_10_SW_SELECT
0x00
R/W
0x75
LUTB_10_
FILTER
[7:0]
LUTB_10_FILTER_
POINTER
LUTB_10_HPF
LUTB_10_LPF
0x00
R/W
0x76
LUTB_11_SW
[7:0]
RESERVED
LUTB_11_SW_SELECT
0x00
R/W
0x77
LUTB_11_
FILTER
[7:0]
LUTB_11_FILTER_
POINTER
LUTB_11_HPF
LUTB_11_LPF
0x00
R/W
0x78
LUTB_12_SW
[7:0]
RESERVED
LUTB_12_SW_SELECT
0x00
R/W
0x79
LUTB_12_
FILTER
[7:0]
LUTB_12_FILTER_
POINTER
LUTB_12_HPF
LUTB_12_LPF
0x00
R/W
0x7A LUTB_13_SW
[7:0]
RESERVED
LUTB_13_SW_SELECT
0x00
R/W
0x7B LUTB_13_
FILTER
[7:0]
LUTB_13_FILTER_
POINTER
LUTB_13_HPF
LUTB_13_LPF
0x00
R/W
0x7C LUTB_14_SW
[7:0]
RESERVED
LUTB_14_SW_SELECT
0x00
R/W
0x7D LUTB_14_
FILTER
[7:0]
LUTB_14_FILTER_
POINTER
LUTB_14_HPF
LUTB_14_LPF
0x00
R/W
0x7E LUTB_15_SW
[7:0]
RESERVED
LUTB_15_SW_SELECT
0x00
R/W
0x7F LUTB_15_
FILTER
[7:0]
LUTB_15_FILTER_
POINTER
LUTB_15_HPF
LUTB_15_LPF
0x00
R/W
0x80
LUTB_16_SW
[7:0]
RESERVED
LUTB_16_SW_SELECT
0x00
R/W
0x81
LUTB_16_
FILTER
[7:0]
LUTB_16_FILTER_
POINTER
LUTB_16_HPF
LUTB_16_LPF
0x00
R/W
0x82
LUTB_17_SW
[7:0]
RESERVED
LUTB_17_SW_SELECT
0x00
R/W
0x83
LUTB_17_
FILTER
[7:0]
LUTB_17_FILTER_
POINTER
LUTB_17_HPF
LUTB_17_LPF
0x00
R/W
0x84
LUTB_18_SW
[7:0]
RESERVED
LUTB_18_SW_SELECT
0x00
R/W
0x85
LUTB_18_
FILTER
[7:0]
LUTB_18_FILTER_
POINTER
LUTB_18_HPF
LUTB_18_LPF
0x00
R/W
0x86
LUTB_19_SW
[7:0]
RESERVED
LUTB_19_SW_SELECT
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com