Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GS1185LM Datasheet(PDF) 12 Page - Globaltech Semiconductor Co.,Ltd

Part # GS1185LM
Description  3A Low Dropout Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS1185LM Datasheet(HTML) 12 Page - Globaltech Semiconductor Co.,Ltd

Back Button GS1185LM Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS1185LM Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS1185LM Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd GS1185LM Datasheet HTML 9Page - Globaltech Semiconductor Co.,Ltd GS1185LM Datasheet HTML 10Page - Globaltech Semiconductor Co.,Ltd GS1185LM Datasheet HTML 11Page - Globaltech Semiconductor Co.,Ltd GS1185LM Datasheet HTML 12Page - Globaltech Semiconductor Co.,Ltd GS1185LM Datasheet HTML 13Page - Globaltech Semiconductor Co.,Ltd GS1185LM Datasheet HTML 14Page - Globaltech Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
θ
L
C
D
www.gs-power.com
E
E1
b2
A
A2
e
G
A1
b
e1/2
e1
Dimensions
Millimeters
Inches
SYMBOL
MIN
MAX
MIN
MAX
A
-
1.80
-
.071
A1
0.02
0.10
.001
.004
A2
1.55
1.65
.061
.065
b
0.66
0.84
.026
.033
b2
2.90
3.10
.114
.122
c
0.23
0.33
.009
.013
D
6.30
6.70
.248
.264
E
.288
6.70
7.30
.264
E1
3.70
.130
.146
3.30
e
2.30 (TYP)
.091 (TYP)
e1
TYP)
.181 (TYP)
4.60 (
L
0.90
-
.035
-
G
0.25 (TYP)
.010 (TYP)
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com