Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GS1185LM15 Datasheet(PDF) 4 Page - Globaltech Semiconductor Co.,Ltd

Part # GS1185LM15
Description  3A Low Dropout Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS1185LM15 Datasheet(HTML) 4 Page - Globaltech Semiconductor Co.,Ltd

  GS1185LM15 Datasheet HTML 1Page - Globaltech Semiconductor Co.,Ltd GS1185LM15 Datasheet HTML 2Page - Globaltech Semiconductor Co.,Ltd GS1185LM15 Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS1185LM15 Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS1185LM15 Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS1185LM15 Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS1185LM15 Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS1185LM15 Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd GS1185LM15 Datasheet HTML 9Page - Globaltech Semiconductor Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
www.gs-power.com
Electrical Characteristics
IOUT = 0 mA, and TJ = +25°C, unless otherwise noted
Parameter
Device
Conditions
Min
Typ
Max
Units
Reference
Voltage(1)
GS1185L
VIN=2.75V , Io=10mA
VIN=2.7 to 7V , Io=10mA to 3A
1.238
1.225
1.250
1.250
1.263
1.275
V
V
GS1185L-
1.5
VIN=4.0V
VIN=3.0V , Io= 0mA to 3A
1.485
1.470
1.500
1.500
1.515
1.530
V
V
GS1185L-
1.8
VIN=4.3V
VIN=3.3V , Io= 0mA to 3A
1.782
1.764
1.800
1.800
1.818
1.836
V
V
GS1185L-
2.5
VIN=5.0V
VIN=4.0V , Io= 0mA to 3A
2.475
2.450
2.500
2.500
2.525
2.550
V
V
GS1185L-
3.3
VIN=5.8V
VIN=4.8V , Io= 0mA to 3A
3.267
3.234
3.300
3.300
3.333
3.366
V
V
Output Voltage
GS1185L-
5.0
VIN=7.5V
VIN=6.5V , Io= 0mA to 3A
4.950
4.900
5.000
5.000
5.050
5.100
V
V
Line
Regulation(1)
All
IO =10mA
(Vo+1.5V) ≦VIN≦ 7V
0.04
0.2
%
Load
Regulation(1)
All
VIN=Vo+2.5V ,
Io=0mA to 3A
0.08
0.4
%
Dropout
Voltage
(VIN - VOUT)
(1),(3)
All
ΔVOUT, ΔVREF = 1%,IOUT = 3A
1.1
1.3
V
Current Limit(1)
All
3
5
6.5
A
Quiescent
Current
All
V =5V
0.35
1
mA
IN
Ripple
Rejection )
All
(VIN-VOUT ) = 3V, CADJ =25μF
60
75
dB
(1
f =120Hz ,
COUT = 25μF, IOUT = 3A,
Adjust Pin
Current(1)
GS1185L
6.0
12
μA
Minimum Load
0.35
1
mA
Current
Temperature
0.5
1
%
Stability
Long Term
TA = 25°C, 1000Hrs
0.03
1
%
Stability
Thermal
shutdown
130
150
170
ºC
Current Limit
Response Time
All
10
100
uS
Pulse Current
Pulse Time=100us
13
A
Note 2:
r divider used to set the output voltage is selected to
Note 3:
The specification represents the minimum input/output voltage required to maintain 1% regulation.
Note 1:
For GS1185L(adjustable) VADJ=0V
For the adjustable device the minimum load current is the minimum current required to maintain
regulation. Normally the current in the resisto
meet the minimum load current requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com