Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8C5665PVC Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # CY8C5665PVC
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C5665PVC Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button CY8C5665PVC Datasheet HTML 16Page - Infineon Technologies AG CY8C5665PVC Datasheet HTML 17Page - Infineon Technologies AG CY8C5665PVC Datasheet HTML 18Page - Infineon Technologies AG CY8C5665PVC Datasheet HTML 19Page - Infineon Technologies AG CY8C5665PVC Datasheet HTML 20Page - Infineon Technologies AG CY8C5665PVC Datasheet HTML 21Page - Infineon Technologies AG CY8C5665PVC Datasheet HTML 22Page - Infineon Technologies AG CY8C5665PVC Datasheet HTML 23Page - Infineon Technologies AG CY8C5665PVC Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 19 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
5. Memory
5.1 Static RAM
CY8C58LP static RAM (SRAM) is used for temporary data
storage. Code can be executed at full speed from the portion of
SRAM that is located in the code space. This process is slower
from SRAM above 0x20000000. The device provides up to 64
KB of SRAM. The CPU or the DMA controller can access all of
SRAM. The SRAM can be accessed simultaneously by the
Cortex-M3 CPU and the DMA controller if accessing different
32-KB blocks.
5.2 Flash Program Memory
Flash memory in PSoC devices provides nonvolatile storage for
user firmware, user configuration data, bulk data storage, and
optional ECC data. The main flash memory area contains up to
256 KB of user program space.
Up to an additional 32 KB of flash space is available for Error
Correcting Codes (ECC). If ECC is not used this space can store
device configuration data and bulk user data. User code may not
be run out of the ECC flash memory section. ECC can correct
one bit error and detect two bit errors per 8 bytes of firmware
memory; an interrupt can be generated when an error is
detected. The flash output is 9 bytes wide with 8 bytes of data
and 1 byte of ECC data.
The CPU or DMA controller read both user code and bulk data
located in flash through the cache controller. This provides
higher CPU performance. If ECC is enabled, the cache controller
also performs error checking and correction.
Flash programming is performed through a special interface and
preempts code execution out of flash. Code execution may be
done out of SRAM during flash programming.
The flash 24programming interface performs flash erasing,
programming and setting code protection levels. Flash in-system
serial programming (ISSP), typically used for production
programming, is possible through both the SWD and JTAG
interfaces.
In-system
programming,
typically
used
for
bootloaders, is also possible using serial interfaces such as I2C,
USB, UART, and SPI, or any communications protocol.
5.3 Flash Security
All PSoC devices include a flexible flash protection model that
prevents access and visibility to on-chip flash memory. This
prevents duplication or reverse engineering of proprietary code.
Flash memory is organized in blocks, where each block contains
256 bytes of program or data and 32 bytes of ECC or
configuration data.
The device offers the ability to assign one of four protection
levels to each row of flash. Table 5-1 lists the protection modes
available. Flash protection levels can only be changed by
performing a complete flash erase. The Full Protection and Field
Upgrade settings disable external access (through a debugging
tool such as PSoC Creator, for example). If your application
requires code update through a boot loader, then use the Field
Upgrade setting. Use the Unprotected setting only when no
security is needed in your application. The PSoC device also
offers an advanced security feature called Device Security which
permanently disables all test, programming, and debug ports,
protecting your application from external access (see the
“Device Security” section on page 64). For more information on
how to take full advantage of the security features in PSoC, see
the PSoC 5 TRM.
Disclaimer
Note the following details of the flash code protection features on
Cypress devices.
Cypress products meet the specifications contained in their
particular Cypress datasheets. Cypress believes that its family
of products is one of the most secure families of its kind on the
market today, regardless of how they are used. There may be
methods, unknown to Cypress, that can breach the code
protection features. Any of these methods, to our knowledge,
would be dishonest and possibly illegal. Neither Cypress nor any
other semiconductor manufacturer can guarantee the security of
their code. Code protection does not mean that we are
guaranteeing the product as “unbreakable.”
Cypress is willing to work with the customer who is concerned
about the integrity of their code. Code protection is constantly
evolving. We at Cypress are committed to continuously
improving the code protection features of our products.
5.4 EEPROM
PSoC EEPROM memory is a byte addressable nonvolatile
memory. The CY8C58LP has 2 KB of EEPROM memory to store
user data. Reads from EEPROM are random access at the byte
level. Reads are done directly; writes are done by sending write
commands to an EEPROM programming interface. CPU code
execution can continue from flash during EEPROM writes.
EEPROM is erasable and writeable at the row level. The
EEPROM is divided into 128 rows of 16 bytes each. The factory
default values of all EEPROM bytes are 0.
Because the EEPROM is mapped to the Cortex-M3 Peripheral
region, the CPU cannot execute out of EEPROM. There is no
ECC hardware associated with EEPROM. If ECC is required it
must be handled in firmware.
It can take as much as 20 milliseconds to write to EEPROM or
flash. During this time the device should not be reset, or
unexpected changes may be made to portions of EEPROM or
flash. Reset sources (see Reset Sources on page 32) include
XRES pin, software reset, and watchdog; care should be taken
to make sure that these are not inadvertently activated. In
addition, the low voltage detect circuits should be configured to
generate an interrupt instead of a reset.
Table 5-1. Flash Protection
Protection
Setting
Allowed
Not Allowed
Unprotected
External read and write
+ internal read and write
–
Factory
Upgrade
External write + internal
read and write
External read
Field Upgrade Internal read and write
External read and
write
Full Protection Internal read
External read and
write + internal write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com