| Electronic Components Datasheet Search |
|
REF5010IDGK Datasheet(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF5010IDGK Datasheet(HTML) 1 Page - Texas Instruments |
|
1 / 52 page ![]() REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference 1 Features • Low temperature drift (maximum): – Enhanced-grade (new): 2.5ppm/°C – High-grade: 3ppm/°C – Standard-grade: 8ppm/°C • High accuracy (maximum): – Enhanced-grade: 0.025% – High-grade: 0.05% – Standard-grade: 0.1% • Low noise: – Enhanced-grade: 0.5μVPP/V – High/standard-grade: 3μVPP/V • Excellent long-term stability: – 22ppm after first 1000 hours (SOIC-8) – 50ppm after first 1000 hours (VSSOP-8) • Wide input voltage support: – Enhanced-grade: 42V – High/standard-grade: 18V • High-output current: ±10mA • Temperature range: -40°C to 125°C 2 Applications • Precision data acquisition systems • Semiconductor test equipment • Industrial process controls • Medical instrumentation • Pressure and temperature transmitters • Lab and field instrumentation 3 Description The REF50xx is a family of low-noise, low-drift, very high precision voltage references. The references are capable of both sinking and sourcing current, and have excellent line and load regulation. Achieve excellent temperature drift (2.5ppm/°C) and high accuracy (0.025%) using proprietary design techniques. These features, combined with very low flicker noise (0.5μVPP/V), make the REF50xx family an excellent choice for use in high-precision data acquisition systems. REF50 family is available in enhanced grade (REF50xxEI), high grade (REF50xxI), and standard grade (REF50xxAI). The reference voltages are offered in 8-pin SOIC and VSSOP packages and are specified from –40°C to 125°C. For detailed comparison across various grades, refer to Table 4-2. Package Information PART NUMBER PACKAGE(1) PACKAGE SIZE(2) REF50xxI REF50xxAI D (SOIC, 8) 4.90mm × 3.91mm DGK (VSSOP, 8) 3.00mm × 3.00mm REF50xxEI D (SOIC, 8) 4.90mm × 3.91mm (1) For all available packages, see the orderable addendum at the end of the data sheet. (2) The package size (length × width) is a nominal value and includes pins, where applicable. OPA365 ADS8326 REF5040 Input Signal, 0 V to 4 V 5 V R1 124 Ÿ C1 1 nF IN IN VDD GND REF VIN VOUT GND +5V CBYPASS 1 µF C2 22 µF 5 V Copyright © 2016, Texas Instruments Incorporated Simplified Schematic REF50, REF50E SBOS410O – JUNE 2007 – REVISED OCTOBER 2025 An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. |
Similar Part No. - REF5010IDGK |
|
Similar Description - REF5010IDGK |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |