Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT200AR Datasheet(PDF) 1 Page - Multicomp Pro

Part # HT200AR
Description  Crimp Tool
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

HT200AR Datasheet(HTML) 1 Page - Multicomp Pro

  HT200AR Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.1
10/08/22
Crimp Tool
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Dimensions: Inches (Milimetres)
Specifications:
Length
: 8.3" (210 ±3)
Weight:
: 510g
Frame Material
: Middle Carbon Steel
Finish
: Black Oxide and Hardened
Replacement Blade
: HT-RB0809C
Ratchet Type
: With Ratchet
Colour
: Blue
For Crimping Modular Plug: 10P10C,10P8C,6P6C,6P4C, 4P4C & 4P2C Plugs
DEC/Off Set Plug-6P6C
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Diagram
Part Number Table
Description
Part Number
Crimp Tool, All In One Amp Style
HT200AR


Similar Part No. - HT200AR

ManufacturerPart #DatasheetDescription
logo
HYES Optoelectronics, I...
HT2002L HYES-HT2002L Datasheet
576Kb / 23P
LCD MODULE (176 횞 RGB 횞 220 Dots)
More results

Similar Description - HT200AR

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63811-6300 MOLEX11-63811-6300 Datasheet
39Kb / 1P
Hand Crimp Tool
63811-7000 MOLEX11-63811-7000 Datasheet
40Kb / 1P
Hand Crimp Tool
63811-9300 MOLEX11-63811-9300 Datasheet
39Kb / 1P
Hand Crimp Tool
64001-0300 MOLEX11-64001-0300 Datasheet
53Kb / 1P
Hand Crimp Tool
64001-0500 MOLEX11-64001-0500 Datasheet
53Kb / 1P
Hand Crimp Tool
64001-2300 MOLEX11-64001-2300 Datasheet
53Kb / 1P
Hand Crimp Tool
64001-2500 MOLEX11-64001-2500 Datasheet
53Kb / 1P
Hand Crimp Tool
64001-4900 MOLEX11-64001-4900 Datasheet
36Kb / 1P
Hand Crimp Tool
64003-0400 MOLEX11-64003-0400 Datasheet
45Kb / 1P
Hand Crimp Tool
64003-0800 MOLEX11-64003-0800 Datasheet
45Kb / 1P
Hand Crimp Tool
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com