Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LR16640C Datasheet(PDF) 23 Page - Integrated Silicon Solution, Inc

Part # IS43LR16640C
Description  1Gb (x16, x32) Mobile DDR SDRAM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LR16640C Datasheet(HTML) 23 Page - Integrated Silicon Solution, Inc

Back Button IS43LR16640C Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 27Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
23
Rev. 0A | October 2022
www.issi.com - dram@issi.com
IS43/46LR32320C
IS43/46LR16640C
Note:
1. The table applies when both CKE
n-1 and CKEn are HIGH, and after tXSR or tXP has been met if the previous state was Self Refresh or
Power Down.
2. DESELECT and NOP are functionally interchangeable.
3. All states and sequences not shown are illegal or reserved.
4. Current State Definitions:
Idle: The bank has been precharged, and tRP has been met.
Row Active: A row in the bank has been activated, and tRCD has been met. No data bursts/accesses and no register accesses are in
progress.
Read: A READ burst has been initiated, with AUTO PRECHARGE disabled, and has not yet terminated or been terminated.
Write: a WRITE burst has been initiated, with AUTO PRECHARGE disabled, and has not yet terminated or been terminated.
5. Read with AP enabled and Write with AP enabled: The read with Autoprecharge enabled or Write with Autoprecharge enabled states
can be broken into two parts: the access period and the precharge period. For Read with AP, the precharge period is defined as if the
same burst was executed with Auto Precharge disabled and then followed with the earliest possible PRECHARGE command that still
accesses all the data in the burst.
For Write with Auto precharge, the precharge period begins when tWR ends, with tWR measured as if Auto Precharge was disabled.
The access period starts with registration of the command and ends where the precharge period (or tRP) begins.
During the precharge period, of the Read with Autoprecharge enabled or Write with Autoprecharge enabled states, ACTIVE,
PRECHARGE, READ, and WRITE commands to the other bank may be applied; during the access period, only ACTIVE and PRECHARGE
commands to the other banks may be applied. In either case, all other related limitations apply
(e.g. contention between READ data and WRITE data must be avoided).
6. AUTO REFRESH, SELF REFRESH, and MODE REGISTER SET commands may only be issued when all bank are idle.
7. A BURST TERMINATE command cannot be issued to another bank;
It applies to the bank represented by the current state only.
8. READs or WRITEs listed in the Command column include READs and WRITEs with AUTO PRECHARGE enabled and READs and WRITEs
with AUTO PRECHARGE disabled.
9. Requires appropriate DM masking.
10. A WRITE command may be applied after the completion of data output, otherwise a BURST TERMINATE command must be issued to
end the READ prior to asserting a WRITE command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com