Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STTH30R03CW Datasheet(PDF) 6 Page - STMicroelectronics

Part # STTH30R03CW
Description  HIGH FREQUENCY SECONDARY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30R03CW Datasheet(HTML) 6 Page - STMicroelectronics

  STTH30R03CW Datasheet HTML 1Page - STMicroelectronics STTH30R03CW Datasheet HTML 2Page - STMicroelectronics STTH30R03CW Datasheet HTML 3Page - STMicroelectronics STTH30R03CW Datasheet HTML 4Page - STMicroelectronics STTH30R03CW Datasheet HTML 5Page - STMicroelectronics STTH30R03CW Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
STTH30R03CW/CG
6/6
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2002 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
Ordering code
Marking
Package
Weight
Base qty
Delivery mode
STTH30R03CW
STTH30R03CW
TO-247
4.36g
30
Tube
STTH30R03CG
STTH30R03CG
D
2PAK
1.48g
50
Tube
STTH30R03CG-TR
STTH30R03CG
D
2PAK
1.48g
1000
Tape & Reel
s
Cooling method: by conduction (C)
s
Recommended torque value: 0.8 N.m.
s
Maximum torque value: 1 N.m.
s
Epoxy meets UL 94,V0
F2
F1
V2
L4
L2
L1
L3
D
L
L5
ME
H
V
V
A
Dia.
F3
F4
G
=
=
F(x3)
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ. Max. Min.
Typ. Max.
A
4.85
5.15 0.191
0.203
D
2.20
2.60 0.086
0.102
E
0.40
0.80 0.015
0.031
F
1.00
1.40 0.039
0.055
F1
3.00
0.118
F2
2.00
0.078
F3
2.00
2.40 0.078
0.094
F4
3.00
3.40 0.118
0.133
G
10.90
0.429
H
15.45
15.75 0.608
0.620
L
19.85
20.15 0.781
0.793
L1
3.70
4.30 0.145
0.169
L2
18.50
0.728
L3
14.20
14.80 0.559
0.582
L4
34.60
1.362
L5
5.50
0.216
M
2.00
3.00 0.078
0.118
V5°
5°
V2
60°
60°
Dia.
3.55
3.65 0.139
0.143
PACKAGE MECHANICAL DATA
TO-247



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com