Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STTH8003CY Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH8003CY
Description  HIGH FREQUENCY SECONDARY RECTIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8003CY Datasheet(HTML) 5 Page - STMicroelectronics

  STTH8003CY Datasheet HTML 1Page - STMicroelectronics STTH8003CY Datasheet HTML 2Page - STMicroelectronics STTH8003CY Datasheet HTML 3Page - STMicroelectronics STTH8003CY Datasheet HTML 4Page - STMicroelectronics STTH8003CY Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
STTH8003CY
5/5
PACKAGE MECHANICAL DATA
Max247
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.70
5.30
0.185
0.209
A1
2.20
2.60
0.087
0.102
b
1.00
1.40
0.038
0.055
b1
2.00
2.40
0.079
0.094
b2
3.00
3.40
0.118
0.133
c
0.40
0.80
0.016
0.031
D
19.70
10.30
0.776
0.799
e
5.35
5.55
0.211
0.219
E
15.30
15.90
0.602
0.626
L
14.20
15.20
0.559
0.598
L1
3.70
4.30
0.146
0.169
Ordering code
Marking
Package
Weight
Base qty
Delivery mode
STTH8003CY
STTH8003CY
Max247
4.4 g.
30
Tube
n
Cooling method: C
n
Epoxy meets UL94,V0
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2002 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
A
E
e
L1
b1
b2
b
L
D
c
A1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com