Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H533CET6 Datasheet(PDF) 79 Page - STMicroelectronics

Part # STM32H533CET6
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CET6 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STM32H533CET6 Datasheet HTML 75Page - STMicroelectronics STM32H533CET6 Datasheet HTML 76Page - STMicroelectronics STM32H533CET6 Datasheet HTML 77Page - STMicroelectronics STM32H533CET6 Datasheet HTML 78Page - STMicroelectronics STM32H533CET6 Datasheet HTML 79Page - STMicroelectronics STM32H533CET6 Datasheet HTML 80Page - STMicroelectronics STM32H533CET6 Datasheet HTML 81Page - STMicroelectronics STM32H533CET6 Datasheet HTML 82Page - STMicroelectronics STM32H533CET6 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 231 page
background image
-
-
-
-
-
-
124
D7
PG9
I/O
FT_sh
-
SPI1_MISO/I2S1_SDI, USART6_RX,
OCTOSPI1_IO6, SDMMC1_D0,
FMC_NE2/FMC_NCE,
DCMI_VSYNC/PSSI_RDY, EVENTOUT
-
-
-
-
-
-
-
125
B7
PG10
I/O
FT_sh
-
SPI1_NSS/I2S1_WS, SDMMC1_D1,
FMC_NE3, DCMI_D2/PSSI_D2,
EVENTOUT
-
-
-
-
-
-
-
126
A7
PG11
I/O
FT_sh
-
LPTIM1_IN2, SPI1_SCK/I2S1_CK,
SDMMC1_D2, DCMI_D3/PSSI_D3,
EVENTOUT
-
-
-
-
-
-
-
127
A6
PG12
I/O
FT_sh
-
LPTIM1_IN1, PSSI_D15, USART6_RTS,
SDMMC1_D3, FMC_NE4,
DCMI_D11/PSSI_D11, EVENTOUT
-
-
-
-
-
-
-
128
D6
PG13
I/O
FT_sh
-
TRACED0, LPTIM1_CH1,
USART6_CTS/USART6_NSS,
FMC_A24, EVENTOUT
-
-
-
-
-
-
-
129
B6
PG14
I/O
FT_sh
-
TRACED1, LPTIM1_ETR, LPTIM1_CH2,
USART6_TX, OCTOSPI1_IO7,
FMC_A25, EVENTOUT
-
-
-
-
-
-
-
130
-
VSS
S
-
-
-
-
-
-
-
-
-
-
131
-
VDD
S
-
-
-
-
-
-
-
-
-
-
132
A5
PG15
I/O
FT_h
-
SPI4_RDY,
USART6_CTS/USART6_NSS,
DCMI_D13/PSSI_D13, EVENTOUT
-
Table 14. STM32H533xx pin/ball definition (continued)
Pin number(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com