Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCV-120/208 Datasheet(PDF) 13 Page - PANDUIT CORP.

Part # PCV-120/208
Description  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-120/208 Datasheet(HTML) 13 Page - PANDUIT CORP.

Back Button PCV-120/208 Datasheet HTML 9Page - PANDUIT CORP. PCV-120/208 Datasheet HTML 10Page - PANDUIT CORP. PCV-120/208 Datasheet HTML 11Page - PANDUIT CORP. PCV-120/208 Datasheet HTML 12Page - PANDUIT CORP. PCV-120/208 Datasheet HTML 13Page - PANDUIT CORP. PCV-120/208 Datasheet HTML 14Page - PANDUIT CORP. PCV-120/208 Datasheet HTML 15Page - PANDUIT CORP. PCV-120/208 Datasheet HTML 16Page - PANDUIT CORP. PCV-120/208 Datasheet HTML 17Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 116 page
background image
Safety Signs & Labels
11
800.777.3300 | Panduit.com
2" x 9"
B3502
2" x 5"
B3500
2" x 5"
B3542
2" x 5"
B3556
1" x 6"
B3501
2" x 9"
B3516
2" x 9"
B3587
1" x 9"
B3534
Labels – Polyester Laminated Vinyl (PLVS)
Confined Space
Signs
7" x 10"
10" x 14"
D7110
14" x 10"
D4003
7" x 10"
10" x 14"
D7111
7" x 10"
10" x 14"
D7112
14" x 10"
D4231
7" x 10"
10" x 14"
D7115
14" x 10"
D4135
7" x 10"
10" x 14"
D7113
7" x 10"
10" x 14"
D7114
7" x 10"
10" x 14"
D7116
3 1/2" x 5"
D3251
3 1/2" x 5"
D3277
3 1/2" x 5"
D3253
3 1/2" x 5"
D3291
3 1/2" x 5"
D3279
3 1/2" x 5"
D3285
3 1/2" x 5"
D3275
Labels
6" x 6"
D3034
Available Sizes
Codes
7" x 10"
0710
10" x 14"
1014
14" x 10"
1410
Available Materials
Codes
Adhesive Vinyl (Each)
PVS
Polyester Laminated Vinyl (Each)
PLVS
Polyethylene Plastic (Each)
PRS
Aluminum (Each)
PAS
Select Size Code:
0710
2
How to Order Signs:
Select Material Code:
PVS
1
Combine Codes in Specific Order
for Complete Part Number: PVS0710D7084
4
Select Sign Base Part Number:
D7084
3
How to Order Labels:
Select Material Code:
PVS
1
Select Size Code:
0305
2
Select Label Base
Part Number: D3277
3
Combine Codes in Specific Order
for Complete Part Number: PVS0305D3277
4
Available Materials
Codes
Adhesive Vinyl (Pkg. of 5)
PVS
Polyester Laminated Vinyl (Each)
PLVS
Available Sizes
Codes
3 1/2" x 5"
0305
6" x 6"
0606
How to Order Labels:
Select Material Code:
PLVS
1
Select Size Code:
0205
2
Combine Codes in Specific Order
for Complete Part Number: PLVS0205B3542
4
Select Label Base
Part Number: B3542
3
Available Material
Code
Polyester Laminated Vinyl (Each)
PLVS
Available Sizes
Codes
1" x 6"
0106
1" x 9"
0109
2" x 5"
0205
2" x 9"
0209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com