| Electronic Components Datasheet Search |
|
PCV-1PH Datasheet(PDF) 80 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
PCV-1PH Datasheet(HTML) 80 Page - PANDUIT CORP. |
|
80 / 116 page ![]() 78 Lockout / Tagout | Padlocks Part No. Body Width Shackle Clearance Height Shackle Clearance Width Shackle Diameter Pins in Cyl. Std. Pkg. Qty. In. mm In. mm In. mm In. mm PSL-13A 25/32 20 29/64 11.5 3/8 9.5 9/64 3.5 3 1 PSL-13B 31/32 24.5 17/32 13.5 33/64 13 5/32 4 4 PSL-13C 1 3/16 30 43/64 17 5/8 16 13/64 5 PSL-13D 1 9/16 40 29/32 23 7/8 22 15/64 6 5 PSL-13D-LS 1 37/64 40 PSL-13E 1 31/32 50 1 9/64 29 1 7/64 28 5/16 8 5 TITALIUM™ Padlock • TITALIUM™ aluminum alloy lock body; light, yet secure • Shackle made of hardened steel with NANO PROTECT™ coating for extra corrosion resistance • Color: Gray • Standard locks are keyed differently. Also available in keyed alike options (contact customer service for further details). Part No. Body Width Shackle Clearance Height Shackle Clearance Width Shackle Diameter Pins in Cyl. Std. Pkg. Qty. In. mm In. mm In. mm In. mm PSL-16A 15/16 24 7/16 11 15/32 12 5/32 4 3 1 PSL-16B 1 9/64 29 33/64 13 19/32 15 13/64 5 PSL-16C 1 1/2 38 7/8 22 53/64 21 15/64 6.5 4 PSL-16C-LS 2 1/2 63 PSL-16D 1 3/4 43 15/16 24 15/16 24 1/4 6 4 PSL-16E 1 7/8 48 63/64 25 9/32 7 5 PSL-16F 2 9/32 58 1 1/4 32 1 1/4 32 5/16 8 5 Brass Padlock • Solid brass body for extra corrosion resistance • Shackle made from hardened steel • Color: Brass • Standard locks are keyed differently. Also available in keyed alike options (contact customer service for further details). Part No. Body Width Shackle Clearance Height Shackle Clearance Width Shackle Diameter Pins in Cyl. Std. Pkg. Qty. In. mm In. mm In. mm In. mm PSL-6ABU 1 1/4 35 5/8 15 19/32 15 3/16 5 4/5 1 PSL-6ABU-LS 25 2 50 PSL-6BU 1 1/2 44 3/4 20 13/16 18 1/4 7 PSL-6BU-LS 2 50 PSL-6CBU 1 59/64 49 29/32 23 25/32 20 5/16 8 PSL-6CBU-LS 2 50 PSL-6DBU 2 53 1 25 15/16 23 11/32 9 PSL-6DBU-LS 2 50 Laminated Steel Padlock • Laminated steel with ETERNA™ coating on each laminate for extreme corrosion resistance • Tough, countersunk rivets for extra strength • High-precision 5-pin tumbler, drilling and pulling protected • Color: Blue • Standard locks are keyed differently. Also available in keyed alike options (contact customer service for further details). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |