Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCV-4160 Datasheet(PDF) 23 Page - PANDUIT CORP.

Part # PCV-4160
Description  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-4160 Datasheet(HTML) 23 Page - PANDUIT CORP.

Back Button PCV-4160 Datasheet HTML 19Page - PANDUIT CORP. PCV-4160 Datasheet HTML 20Page - PANDUIT CORP. PCV-4160 Datasheet HTML 21Page - PANDUIT CORP. PCV-4160 Datasheet HTML 22Page - PANDUIT CORP. PCV-4160 Datasheet HTML 23Page - PANDUIT CORP. PCV-4160 Datasheet HTML 24Page - PANDUIT CORP. PCV-4160 Datasheet HTML 25Page - PANDUIT CORP. PCV-4160 Datasheet HTML 26Page - PANDUIT CORP. PCV-4160 Datasheet HTML 27Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 116 page
background image
Safety Signs & Labels
21
800.777.3300 | Panduit.com
Column Markers
Adhesive Vinyl (12" x 24")
PVS1224B3437
Glow Adhesive (12" x 24")
PVS1224B3505
Material
UOM
Adhesive Vinyl
Each
Glow Adhesive
7" x 10"
10" x 14"
B7187
7" x 10"
10" x 14"
B7192
10" x 7"
14" x 10"
B7194
10" x 7"
14" x 10"
B7196
10" x 7"
14" x 10"
B7193
10" x 7"
14" x 10"
B7208
14" x 10"
B4519
7" x 10"
10" x 14"
B7195
7" x 10"
10" x 14"
B7205
7" x 10"
10" x 14"
B7188
10" x 7"
14" x 10"
B7191
7" x 10"
10" x 14"
B7189
18" x 4"
B4585
12" x 4"
18" x 4"
24" x 4"
B7202
18" x 4"
B4581
12" x 4"
18" x 4"
24" x 4"
B7210
18" x 4"
B4935
18" x 4"
24" x 4"
B7211
7" x 10"
10" x 14"
B7182
7" x 10"
10" x 14"
B7183
7" x 10"
10" x 14"
B7184
7" x 10"
10" x 14"
B7185
7" x 10"
10" x 14"
B7186
7" x 10"
10" x 14"
B7199
7" x 10"
10" x 14"
B7200
10" x 7"
14" x 10"
B7209
7" x 10"
10" x 14"
B7201
7" x 10"
10" x 14"
B7203
7" x 10"
10" x 14"
B7204
7" x 10"
10" x 14"
B7206
Available Sizes
Codes
7" x 10"
0710
10" x 7"
1007
10" x 14"
1014
14" x 10"
1410
12" x 4"
1204
18" x 4"
1804
24" x 4"
2404
Available Materials
Codes
Adhesive Vinyl (Each)
PVS
Polyester Laminated Vinyl (Each)
PLVS
Polyethylene Plastic (Each)
PRS
Aluminum (Each)
PAS
Select Size Code:
0710
2
How to Order Signs:
Select Material Code:
PVS
1
Combine Codes in Specific Order
for Complete Part Number: PVS0710B7182
4
Select Sign Base Part Number:
B7182
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com