Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCV-480 Datasheet(PDF) 28 Page - PANDUIT CORP.

Part # PCV-480
Description  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-480 Datasheet(HTML) 28 Page - PANDUIT CORP.

Back Button PCV-480 Datasheet HTML 24Page - PANDUIT CORP. PCV-480 Datasheet HTML 25Page - PANDUIT CORP. PCV-480 Datasheet HTML 26Page - PANDUIT CORP. PCV-480 Datasheet HTML 27Page - PANDUIT CORP. PCV-480 Datasheet HTML 28Page - PANDUIT CORP. PCV-480 Datasheet HTML 29Page - PANDUIT CORP. PCV-480 Datasheet HTML 30Page - PANDUIT CORP. PCV-480 Datasheet HTML 31Page - PANDUIT CORP. PCV-480 Datasheet HTML 32Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 116 page
background image
26
Safety Signs & Labels
Display your skill or commitment to safety in a personal way.
Adhesive vinyl 2.25" dia. labels are flexible to conform to the curve of a hard hat. Package of 10.
Hard Hat Labels / Helmet Decals
Flag Helmet Stickers
Show personal
country pride.
Adhesive vinyl label has
permanent adhesive
back with peel-off liner.
USA
Part No.
Canada
Part No.
Mexico
Part No.
Size
Std. Pkg.
Qty.
PHL3377
PHL3402
PHL3386
1" x 1 3/4"
10
PHL3212
PHL3404
PHL3388
1 1/2" x 3"
PHL3354
PHL3355
PHL3343
PHL3351
PHL3361
PHL3347
PHL3381
PHL3345
PHL3125
PHL3317
PHL3163
PHL3204
PHL3165
PHL3188
PHL3365
PHL3315
PHL3358
PHL3359
PHL3323
PHL3357
PHL3126
PHL3132
PHL3619
PHL3632
PHL3649
Reflective (Each)
Standard
Smoking Control
Signs
7" x 10"
10" x 14"
N7296
7" x 10"
10" x 14"
B7292
7" x 10"
10" x 14"
B7293
7" x 10"
10" x 14"
B7288
7" x 10"
10" x 14"
B7289
7" x 10"
10" x 14"
B7290
7" x 10"
10" x 14"
B7295
10" x 7"
14" x 10"
B7294
7" x 10"
10" x 14"
B7300
7" x 17"
B4533
7" x 17"
B4501
4" x 12"
B4531
7" x 17"
B4526
7" x 5"
10" x 7"
B7291
7" x 5"
10" x 7"
B7297
7" x 5"
10" x 7"
B7298
7" x 5"
10" x 7"
B7301
7" x 5"
10" x 7"
B7302
7" x 5"
10" x 7"
B7299
7" x 5"
10" x 7"
B7303
See How to Order Signs on next page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com