Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H533CEK7TR Datasheet(PDF) 44 Page - STMicroelectronics

Part # STM32H533CEK7TR
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEK7TR Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STM32H533CEK7TR Datasheet HTML 40Page - STMicroelectronics STM32H533CEK7TR Datasheet HTML 41Page - STMicroelectronics STM32H533CEK7TR Datasheet HTML 42Page - STMicroelectronics STM32H533CEK7TR Datasheet HTML 43Page - STMicroelectronics STM32H533CEK7TR Datasheet HTML 44Page - STMicroelectronics STM32H533CEK7TR Datasheet HTML 45Page - STMicroelectronics STM32H533CEK7TR Datasheet HTML 46Page - STMicroelectronics STM32H533CEK7TR Datasheet HTML 47Page - STMicroelectronics STM32H533CEK7TR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 231 page
background image
Functional overview
STM32H533xx
44/231
DS14539 Rev 1
•
AHB slave peripheral, accessible through 32-bit word accesses only (else an AHB
error is generated)
•
8 × 32-bit words (H0 to H7) for output message digest
•
Automatic data flow control with support of direct memory access (DMA) using one
channel. Single or fixed burst of 4 supported.
•
Interruptible message digest computation, on a per-32-bit word basis
–
Re-loadable digest registers
–
Hashing computation suspend/resume mechanism, including using DMA
3.31
On-the-fly decryption engine (OTFDEC)
The OTFDEC allows the decryption of the on-the-fly AHB traffic based on the read request
address information, for example execute-in-place of a code stored encrypted. Four
independent and non-overlapping encrypted regions can be defined in OTFDEC.
OTFDEC uses AES-128 in counter mode to achieve the lowest possible latency. As a
consequence, each time the content of one encrypted region is changed the entire region
must be re-encrypted with a different cryptographic context (key or initialization vector). This
constraint makes OTFDEC suitable to decrypt read-only data or code, stored in external
NOR flash.
Note:
When OTFDEC is used in conjunction with OCTOSPI, it is mandatory to access the flash
memory using the Memory-mapped mode of the flash memory controller.
When security is enabled in the product, OTFDEC can be programmed only by a secure
host.
The OTFDEC main features are the following:
•
On-the-fly 128-bit decryption during OCTOSPI memory-mapped read operations
(single or multiple)
–
Use of AES in counter (CTR) mode, with two 128-bit keystream buffers
–
Support for any read size
–
Physical address of the reads is used for the encryption/decryption
•
Up to 4 independent encrypted regions
–
Granularity of the region definition: 4096 bytes
–
Region configuration write locking mechanism
–
Each region has its own 128-bit key, two bytes firmware version, and eight bytes
application-defined nonce. At least one of those must be changed each time an
encryption is performed by the application.
•
Encryption keys confidentiality and integrity protection
–
Write-only registers, with software locking mechanism
–
Availability of 8-bit CRC as public key information
•
Support for OCTOSPI pre-fetching mechanism
•
Possibility to select an enhanced encryption mode to add a proprietary layer of
protection on top of AES stream cipher (execute only)
•
AMBA® AHB slave peripheral, accessible through 32-bit word single accesses only
(otherwise an AHB bus error is generated, and write accesses are ignored)
•
Secure only programming if TrustZone security is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com