Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H533CEK7XXX Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32H533CEK7XXX
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEK7XXX Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32H533CEK7XXX Datasheet HTML 12Page - STMicroelectronics STM32H533CEK7XXX Datasheet HTML 13Page - STMicroelectronics STM32H533CEK7XXX Datasheet HTML 14Page - STMicroelectronics STM32H533CEK7XXX Datasheet HTML 15Page - STMicroelectronics STM32H533CEK7XXX Datasheet HTML 16Page - STMicroelectronics STM32H533CEK7XXX Datasheet HTML 17Page - STMicroelectronics STM32H533CEK7XXX Datasheet HTML 18Page - STMicroelectronics STM32H533CEK7XXX Datasheet HTML 19Page - STMicroelectronics STM32H533CEK7XXX Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 231 page
background image
Description
STM32H533xx
16/231
DS14539 Rev 1
Active tampers(3)
33
4
7
7
True random number generator
Yes
SAES, AES
Yes
Public key accelerator (PKA)
Yes
HASH (SHA-512)
Yes
On-the-fly decryption for OCTOSPI
Yes
GPIOs
26
35
49
80
112
Wakeup pins
4
4
6
7
7
Number of I/Os down to 1.08 V
N/A
4
10
ADC
12-bit ADC
2
Number of
channels
10
16
20
DAC
12-bit DAC
controller
1
Number of
channels
2
Internal voltage reference buffer
No
Yes
Maximum CPU frequency
250 MHz
Operating voltage
1.71 to 3.6 V
Operating temperature
Ambient operating temperature: -40 to 85 °C / -40 to 105 °C
Junction temperature: -40 to 130 °C
Package
WLCSP39
UFQFPN48/
LQFP48
LQFP64
LQFP100/
UFBGA100
LQFP144/
UFBGA144
1. For the LQFP100 package, only FMC Bank1 is available. Bank1 can only support a multiplexed NOR/PSRAM memory
using the NE1 chip select.
2.
DCMI and PSSI cannot be used at the same time as they share the same circuitry.
3. Active tampers in output sharing mode (one output shared by all inputs).
Table 2. STM32H533xx features and peripheral counts (continued)
Peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com