Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS84A20RVQR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS84A20RVQR
Description  TPS84A20 2.95-V to 17-V Input, 10-A Synchronous Buck, Integrated Power Solution
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS84A20RVQR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS84A20RVQR Datasheet HTML 9Page - Texas Instruments TPS84A20RVQR Datasheet HTML 10Page - Texas Instruments TPS84A20RVQR Datasheet HTML 11Page - Texas Instruments TPS84A20RVQR Datasheet HTML 12Page - Texas Instruments TPS84A20RVQR Datasheet HTML 13Page - Texas Instruments TPS84A20RVQR Datasheet HTML 14Page - Texas Instruments TPS84A20RVQR Datasheet HTML 15Page - Texas Instruments TPS84A20RVQR Datasheet HTML 16Page - Texas Instruments TPS84A20RVQR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
13
TPS84A20
www.ti.com
SLVSBC6C – MARCH 2013 – REVISED DECEMBER 2019
Product Folder Links: TPS84A20
Submit Documentation Feedback
Copyright © 2013–2019, Texas Instruments Incorporated
10.2 Capacitor Recommendations for the TPS84A20 Power Supply
10.2.1 Capacitor Technologies
10.2.1.1 Electrolytic, Polymer-Electrolytic Capacitors
When using electrolytic capacitors, high-quality, computer-grade electrolytic capacitors are recommended.
Polymer-electrolytic type capacitors are recommended for applications where the ambient operating temperature
is less than 0°C. The Sanyo OS-CON capacitor series is suggested due to the lower ESR, higher rated surge,
power dissipation, ripple current capability, and small package size. Aluminum electrolytic capacitors provide
adequate decoupling over the frequency range of 2 kHz to 150 kHz, and are suitable when ambient temperatures
are above 0°C.
10.2.1.2 Ceramic Capacitors
The performance of aluminum electrolytic capacitors is less effective than ceramic capacitors above 150 kHz.
Multilayer ceramic capacitors have a low ESR and a resonant frequency higher than the bandwidth of the
regulator. They can be used to reduce the reflected ripple current at the input as well as improve the transient
response of the output.
10.2.1.3 Tantalum, Polymer-Tantalum Capacitors
Polymer-tantalum type capacitors are recommended for applications where the ambient operating temperature is
less than 0°C. The Sanyo POSCAP series and Kemet T530 capacitor series are recommended rather than many
other tantalum types due to their lower ESR, higher rated surge, power dissipation, ripple current capability, and
small package size. Tantalum capacitors that have no stated ESR or surge current rating are not recommended
for power applications.
10.2.2 Input Capacitor
The TPS84A20 requires a minimum input capacitance of 44 μF of ceramic type. An additional 100 µF of non-
ceramic capacitance is recommended for applications with transient load requirements. The voltage rating of
input capacitors must be greater than the maximum input voltage. At worst case, when operating at 50% duty
cycle and maximum load, the combined ripple current rating of the input capacitors must be at least 5 Arms.
Table 6 includes a preferred list of capacitors by vendor. It is also recommended to place a 0.1-µF ceramic
capacitor directly across the PVIN and PGND pins of the device. When operating with split VIN and PVIN rails,
place 4.7 µF of ceramic capacitance directly at the VIN pin.
10.2.3 Output Capacitor
The required output capacitance is determined by the output voltage of the TPS84A20. See Table 5 for the
amount of required capacitance. The effects of temperature and capacitor voltage rating must be considered
when selecting capacitors to meet the minimum required capacitance. The required output capacitance can be
comprised of all ceramic capacitors, or a combination of ceramic and bulk capacitors. The required capacitance
must include at least one 47 µF ceramic. When adding additional non-ceramic bulk capacitors, low-ESR devices
like the ones recommended in Table 6 are required. The required capacitance above the minimum is determined
by actual transient deviation requirements. See Table 7 for typical transient response values for several output
voltage, input voltage and capacitance combinations. Table 6 includes a preferred list of capacitors by vendor.
(1)
Minimum required must include at least one 47-µF ceramic capacitor.
Table 5. Required Output Capacitance
VOUT RANGE (V)
MINIMUM REQUIRED COUT (µF)
MIN
MAX
0.6
< 0.8
500 µF (1)
0.8
< 1.2
300 µF (1)
1.2
< 3.0
200 µF (1)
3.0
< 4.0
100 µF (1)
4.0
5.5
47 µF ceramic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com