Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UFR403 Datasheet(PDF) 2 Page - DIOTEC Electronics Corporation

Part # UFR403
Description  4 AMP ULTRAFAST RECOVERY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

UFR403 Datasheet(HTML) 2 Page - DIOTEC Electronics Corporation

  UFR403 Datasheet HTML 1Page - DIOTEC Electronics Corporation UFR403 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIGURE 5. TYPICAL JUNCTION CAPACITANCE
Reverse Voltage, (Volts)
RATING&CHARACTERISTICCURVESFORSERIESUFR400-UFR410
DataSheetNo.SESA-401-2C
FIGURE 3. TYPICAL FORWARD CHARACTERISTICS
Instantaneous Forward Voltage (Volts)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1.0
0.1
10
100
0.01
FIGURE 4. TYPICAL REVERSE CHARACTERISTICS
Percent of Rated Peak Reverse Voltage
FIGURE 1. FORWARD CURRENT DERATING CURVE
Ambient Temperature, C
o
FIGURE 2. MAXIMUM NON-REPETITIVE SURGE CURRENT
Number of Cycles at 60 Hz
1
10
100
250
200
150
100
50
0
4 AMP ULTRAFASTRECOVERY DIODES
3.01 ufr400
100
120
140
NOTES
(1)
(2)
(3) T = 25 C, Pulse Width = 300 Sec, 2.0% Duty Cycle
(4) These Curves Are Typical For The Highest Voltage Diode
in The Voltage Grouping.
Lead Length = 0.375" (9.5mm)
JEDEC Method, 8.3 mSec. Single Half Sine Wave
J
o
m
NOTE 1
NOTE 2
C12
20
40
0
60
80
NOTE3
10
100
Resistive and Inductive Loads
UFR406-410
UFR400-404
(1) UFR400-404
(2) UFR406-410
(1) UFR400-404
(2) UFR406-410
(1)
(1)
(2)
(2)
Tel.:(310)767-1052Fax:(310)767-7958
DIOTECELECTRONICSCORP.
Gardena,CA 90248U.S.A
18020HobartBlvd.,UnitB
NOTE4
T = 175 C
J
o
T = 25 C
J
o
T = 25 C
J
o
(1)
(1) UFR400-404
(2) UFR406-410
(2)
T = 175 C
J
o
(2)
(1)
20
10
0
30
40
50



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com