Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS79225DBVR Datasheet(PDF) 24 Page - Texas Instruments

Part # TPS79225DBVR
Description  TPS792 Ultra-Low Noise, High-PSRR, Fast RF, 100mA, Low-Dropout Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS79225DBVR Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS79225DBVR Datasheet HTML 20Page - Texas Instruments TPS79225DBVR Datasheet HTML 21Page - Texas Instruments TPS79225DBVR Datasheet HTML 22Page - Texas Instruments TPS79225DBVR Datasheet HTML 23Page - Texas Instruments TPS79225DBVR Datasheet HTML 24Page - Texas Instruments TPS79225DBVR Datasheet HTML 25Page - Texas Instruments TPS79225DBVR Datasheet HTML 26Page - Texas Instruments TPS79225DBVR Datasheet HTML 27Page - Texas Instruments TPS79225DBVR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
capacitor must be 100pF. For voltages greater than 1.8V, calculate the approximate value of this capacitor as
given in the Functional Block Diagrams.
7.2.3 Application Curves
Time (
s)
0
80
160
240
320
400
480
560
0
-80
20
-70
40
-60
60
-50
80
-40
100
-30
120
-20
140
-10
160
0
180
10
200
20
220
30
240
40
260
50
IOUT
VOUT
Figure 7-5. TPS792xx Load Transient Response
Time (
s)
0
50
100 150 200 250 300 350 400 450 500 550
3.6
-25
4
-20
4.4
-15
4.8
-10
5.2
-5
5.6
0
6
5
6.4
10
6.8
15
7.2
20
7.6
25
8
30
VIN
VOUT
Figure 7-6. TPS792xx Line Transient Response
7.3 Power Supply Recommendations
This device is designed to operate from an input voltage supply range from 2.7V to 5.5V. The input voltage
range must provide adequate headroom for the device to have a regulated output. This input supply must be
well-regulated and stable. A 0.1µF input capacitor is required for stability (legacy chip) or a 1µF (new chip); if the
input supply is noisy, additional input capacitors with low ESR can help improve the output noise performance.
7.4 Layout
7.4.1 Layout Guidelines
Layout is a critical part of good power-supply design. There are several signal paths that conduct fast-changing
currents or voltages that can interact with stray inductance or parasitic capacitance to generate noise or degrade
the power-supply performance. To help eliminate these problems, the IN pin should be bypassed to ground with
a low ESR ceramic bypass capacitor with an X5R or X7R dielectric.
Equivalent series inductance (ESL) and equivalent series resistance (ESR) must be minimized to maximize
performance and ensure stability. Every capacitor (CIN, COUT, CNR, CFF) must be placed as close as possible
to the device and on the same side of the PCB as the regulator itself. Do not place any of the capacitors on
the opposite side of the PCB from where the regulator is installed. The use of vias and long traces is strongly
discouraged because these circuits may impact system performance negatively, and even cause instability.
7.4.1.1 Board Layout Recommendations to Improve PSRR and Noise Performance
To improve ac measurements like PSRR, output noise, and transient response, it is recommended that the board
be designed with separate ground planes for VIN and VOUT, with each ground plane connected only at the GND
pin of the device. In addition, the ground connection for the bypass capacitor should connect directly to the GND
pin of the device.
7.4.1.2 Power Dissipation and Junction Temperature
Specified regulator operation is to a junction temperature of 125°C; the maximum junction temperature should
be restricted to 125°C under normal operating conditions. This restriction limits the power dissipation the
regulator can handle in any given application. To ensure the junction temperature is within acceptable limits,
calculate the maximum allowable dissipation, PD(max), and the actual dissipation, PD, which must be less than or
equal to PD(max).
The maximum power dissipation limit is determined using Equation 4.
TPS792
SLVS337E – MARCH 2001 – REVISED JANUARY 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS792



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com