Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS72011DRVT.B Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS72011DRVT.B
Description  TPS720 350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS72011DRVT.B Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS72011DRVT.B Datasheet HTML 7Page - Texas Instruments TPS72011DRVT.B Datasheet HTML 8Page - Texas Instruments TPS72011DRVT.B Datasheet HTML 9Page - Texas Instruments TPS72011DRVT.B Datasheet HTML 10Page - Texas Instruments TPS72011DRVT.B Datasheet HTML 11Page - Texas Instruments TPS72011DRVT.B Datasheet HTML 12Page - Texas Instruments TPS72011DRVT.B Datasheet HTML 13Page - Texas Instruments TPS72011DRVT.B Datasheet HTML 14Page - Texas Instruments TPS72011DRVT.B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
10mV/div
V
OUT
I
OUT
100mA/div
100 s/div
m
0mA
300mA
1mV/div
V
OUT
V
BIAS
200mV/div
100 s/div
m
2.7V
3.3V
11
TPS720
www.ti.com
SBVS100E – JUNE 2008 – REVISED SEPTEMBER 2015
Product Folder Links: TPS720
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Typical Characteristics (continued)
Over operating temperature range (TJ = –40°C to 125°C), VBIAS = (VOUT + 1.4 V) or 2.5 V (whichever is greater); VIN = VOUT +
0.5 V, IOUT = 1 mA, VEN = 1.1 V, COUT = 2.2 μF, unless otherwise noted. Typical values are at TJ = 25°C.
VIN = 1.8 V
VOUT = 1.3 V
VBIAS = 2.7 V to 3.3 V
VBIAS Slew Rate = 600 m/μs
IOUT = 350 mA
Figure 25. VBIAS Line Transient Response
VIN = 1.8 V
VOUT = 1.3 V
VBIAS = 2.7 V
tRISE = 1 μs
Figure 26. Load Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com