Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

25HVC100MC8 Datasheet(PDF) 1 Page - VINATech Co.,Ltd.

Part # 25HVC100MC8
Description  Low ESR, High ripple current Load life of 4,000h at 125°C Compliance with AEC-Q200
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINATECH [VINATech Co.,Ltd.]
Direct Link  https://www.vinatech.com/en/
Logo VINATECH - VINATech Co.,Ltd.

25HVC100MC8 Datasheet(HTML) 1 Page - VINATech Co.,Ltd.

  25HVC100MC8 Datasheet HTML 1Page - VINATech Co.,Ltd. 25HVC100MC8 Datasheet HTML 2Page - VINATech Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Items
Characteristics
Category temperature range
-55 to +125°C
Rated voltage range
25 to 80Vdc
Capacitance range
10 to 560µF
Capacitance tolerance
±20% [M] (at 20°C, 120Hz)
Leakage current
I=0.01CV or 3µA whichever is greater (at 20°C, after 2 minutes)
Tangent of loss angle(tanδ)
ESR
Less than or equal to the value of Standard Ratings (at 20°C, 100kHz)
Low temperature characteristics
(Impedance ratio at 100kHz)
Z ( -25 ℃) / Z ( +20 ℃) ≤ 1.5
Z ( -55 ℃) / Z ( +20 ℃) ≤ 2.0
Endurance
125℃, 4,000 hrs, apply the rated ripple current without exceeding the rated voltage
Capacitance change
Within±30% of the initial value
Tangent of loss angle (tanδ)
≤200% of the initial specified value
ESR(mΩ)
≤200% of the initial specified value
Leakage current
≤The initial specified value
Shelf life
After storage for 1,000 hrs at 125°C with no voltage applied and then being stabilized
at 20°C, capacitors shall meet the specified values for the endurance characteristics listed
above.(with voltage treatment)
Damp Heat (Steady State)
85°C, 85% RH, 2,000 hrs, rated voltage applied
Capacitance change
Within±30% of the initial value
Tangent of loss angle (tanδ)
≤200% of the initial specified value
ESR(mΩ)
≤200% of the initial specified value
Leakage current
≤The initial specified value
Example: HVS series, 80V / 33㎌ / Vibration resistant structure
80
HVS
33
M
E
10
V
Voltage
Series
Capacitance Tolerance Diameter Length
Vibration
resistant
structure
Frequency
120Hz
1kHz
10kHz 100kHz
Coefficient
0.15
0.40
0.75
1.00
Rated voltage(V)
25
35
50
63
80
Tanδ
0.14
0.12
0.10
0.08
0.08
(at 20°C, 120Hz)
(unit: mm)
Size
ØD±0.5
L
W±0.2 H±0.2
C±0.2
R
P±0.2
5.0×5.9
5.0
5.9±0.3
5.3
5.3
6.0
0.6 to 0.8
1.4
6.3×5.9
6.3
5.9±0.3
6.6
6.6
7.3
0.6 to 0.8
2.1
6.3×7.7
6.3
7.7±0.3
6.6
6.6
7.3
0.6 to 0.8
2.1
8.0×9.7
8.0
9.7±0.5
8.3
8.3
9.0
0.8 to 1.1
3.2
10.0×10.5
10.0
10.5±0.5 10.3
10.3
11.0
0.8 to 1.1
4.6
10.0×12.5
10.0
12.5±0.5 10.3
10.3
11.0
0.8 to 1.1
4.6
10.0×16.5
10.0
16.5±0.5 10.3
10.3
11.0
0.8 to 1.1
4.6
(unit: mm)
Size
ØD±0.5
L
W±0.2 H±0.2
C±0.2
R
P±0.2
6.3×6.2
6.3
6.2±0.3
6.6
6.6
7.3
0.6 to 0.8
2.1
6.3×8.0
8.0
8.0±0.3
6.6
6.6
7.3
0.6 to 0.8
2.1
8.0×9.9
8.0
9.9±0.5
8.3
8.3
9.0
0.8 to 1.1
3.2
10.0×10.7
10.0
10.7±0.5 10.3
10.3
11.0
0.8 to 1.1
4.6
10.0×12.7
10.0
12.7±0.5 10.3
10.3
11.0
0.8 to 1.1
4.6
10.0×16.7
10.0
16.7±0.5 10.3
10.3
11.0
0.8 to 1.1
4.6
Halogen
Less


Similar Part No. - 25HVC100MC8

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
25HV14GA-150.000 EUROQUARTZ-25HV14GA-150.000 Datasheet
230Kb / 1P
14 pin DIL High Frequency HCMOS Clock Oscillator
25HV14GB-150.000 EUROQUARTZ-25HV14GB-150.000 Datasheet
230Kb / 1P
14 pin DIL High Frequency HCMOS Clock Oscillator
25HV14GC-150.000 EUROQUARTZ-25HV14GC-150.000 Datasheet
230Kb / 1P
14 pin DIL High Frequency HCMOS Clock Oscillator
25HV14GD-150.000 EUROQUARTZ-25HV14GD-150.000 Datasheet
230Kb / 1P
14 pin DIL High Frequency HCMOS Clock Oscillator
25HV14GE-150.000 EUROQUARTZ-25HV14GE-150.000 Datasheet
230Kb / 1P
14 pin DIL High Frequency HCMOS Clock Oscillator
More results

Similar Description - 25HVC100MC8

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECO-S1JA332EA PANASONIC-ECO-S1JA332EA Datasheet
583Kb / 7P
Long 3000 hour life at 105C with high ripple current capability
ECO-S1CA103CA PANASONIC-ECO-S1CA103CA Datasheet
593Kb / 7P
Long 3000 hour life at 105C with high ripple current capability
logo
Surge Components
HBV SURGE-HBV Datasheet
501Kb / 3P
low esr and high ripple current
HBW SURGE-HBW Datasheet
486Kb / 3P
low esr and high ripple current
logo
Illinois Capacitor, Inc...
396UVR016MEW ILLINOISCAPACITOR-396UVR016MEW_16 Datasheet
181Kb / 2P
Low ESR, High Ripple Current
logo
Jianghai Europe GmbH
CD11CCX JIANGHAI-CD11CCX Datasheet
1Mb / 4P
Load life of 1000hours at 85C
logo
Illinois Capacitor, Inc...
MPP ILLINOISCAPACITOR-MPP Datasheet
167Kb / 2P
High Ripple Current ??Low ESR ??High Reliability
logo
Kemet Corporation
PHA226MKP337RQE4 KEMET-PHA226MKP337RQE4 Datasheet
618Kb / 8P
PHA227, 125°C, Hybrid Axial, High CV, AEC-Q200
4/26/2022
PHA227 KEMET-PHA227 Datasheet
1Mb / 8P
PHA227, 125°C, Hybrid Axial, High CV, AEC-Q200
4/26/2022
PHH227 KEMET-PHH227 Datasheet
1Mb / 8P
PHH227, 125°C, Hybrid Radial Crown, High CV, AEC-Q200
4/26/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com