Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HV210-SM02-R Datasheet(PDF) 10 Page - Superior Sensors Technology.

Part # HV210-SM02-R
Description  Differential Low Pressure Sensors HVAC Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERIOR-SENSORS [Superior Sensors Technology.]
Direct Link  https://superiorsensors.com/
Logo SUPERIOR-SENSORS - Superior Sensors Technology.

HV210-SM02-R Datasheet(HTML) 10 Page - Superior Sensors Technology.

Back Button HV210-SM02-R Datasheet HTML 6Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 7Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 8Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 9Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 10Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 11Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 12Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 13Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 14Page - Superior Sensors Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
HV Series
Differential Low Pressure Sensors 
www.SuperiorSensors.com 
10 
DS‐0001G.DOCX 
b7
b6
b5
b4
b3
b2
b1
b0
Pressure Range Select
I/O Watchdog Enable
BW Limit Select
Notch Enable
Mode Register (General)
b7
b6
b5
b4
b3
b2
b1
b0
Mode Register (Detail)
0
0
0
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1
1
1
0
1
1
1
2.5 inH2O
2.5 inH2O
2.5 inH2O
2.5 inH2O
2.5 inH2O
5.0 inH2O
10.0 inH2O
20.0 inH2O
Disabled
0
0
0
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1
1
1
0
1
1
1
0
1
0.1 Hz
0.25 Hz
0.5 Hz
1.0 Hz
2.5 Hz
5.0 Hz
10.0 Hz
Auto Select
Notch Filter Disabled
Notch Filter Enabled
HV120
BW Limit Select
Notch Enable
 Mode Control Register Detail
0.1 Hz
0.25 Hz
0.5 Hz
1.0 Hz
2.5 Hz
5.0 Hz
10.0 Hz
10.0 Hz
Auto Select BW Limit
0.5 inH2O
0.5 inH2O
0.5 inH2O
1.0 inH2O
2.5 inH2O
5.0 inH2O
10.0 inH2O
10.0 inH2O
HV110
0.1 inH2O
0.25 inH2O
0.5 inH2O
1.0 inH2O
2.5 inH2O
5.0 inH2O
10.0 inH2O
10.0 inH2O
HV210
Pressure Range Select (by Model)
10 sec
4 sec
2 sec
1 sec
400 ms
200 ms
100 ms
I/O Watchdog Timeout
0
1
Enabled
I/O Watchdog Enable
2.5 inH2O
5.0 inH2O
10.0 inH2O
20.0 inH2O
30.0 inH2O
40.0 inH2O
50.0 inH2O
60.0 inH2O
HV160
10.6 Control Registers
10.6.1 Mode Control Register
  Default Value: 0xF6 
Details  of  the  Mode  Control  register  are 
illustrated in the figure to the right. 
Bits 0‐2 control the output pressure range.  
Bit  3  is  the  I/O Watchdog  Enable bit. When 
set,  the  I/O  watchdog  is  enabled.  When 
enabled,  the  I/O  watchdog will  monitor  the 
I/O activity. If I/O activity is not detected for 
the  I/O  Watchdog  timeout  time,  the 
pressure  sensor  will  reset  itself.  The  I/O 
watchdog timeout time is determined by the 
currently  active  bandwidth  setting.  This  is 
whether  the  bandwidth  is  selected  directly 
or by using the Auto Select bandwidth. 
Bits  4‐6  control  the  BW  Limit  Filter.  Note: 
When  the  BW  bits  are  all  set,  the  BW  is 
automatically  selected  according  to  the 
selected pressure range (see table to right). 
Bit  7  is  the  Notch  Filter  Enable  bit.  When 
enabled, the 50/60Hz notch filter is active. 
 
Please  note  the  available  pressure  ranges 
for the different sensor models are indicated 
in  the  table.  For  values  where  the  pressure 
range  is  not  available  for  the  given  sensor 
(high or low), the table is highlighted in light 
orange  and  indicates  the  given  full  scale 
value  to  use  for  pressure  conversion.  It  is 
possible to use these values however, since 
they  do  effect  the  set  sensor  bandwidth 
when the Auto Select bandwidth value (BW 
Limit Select = 111b) is used. 
It  should  also  be  noted  that  upon  changing 
the Mode Control value, there is a one cycle 
latency before the new Mode Control value 
becomes  valid.  That  is,  the  data  of  the 
communication  cycle  following  a  change  to 
the Mode Control register will not reflect the change. It is not until the second communication cycle that the change in the Mode 
Control register will be reflected in the output data. 
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com