Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

35HVC100MD10V Datasheet(PDF) 2 Page - VINATech Co.,Ltd.

Part # 35HVC100MD10V
Description  Low ESR, High ripple current Load life of 4,000h at 125°C Compliance with AEC-Q200
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINATECH [VINATech Co.,Ltd.]
Direct Link  https://www.vinatech.com/en/
Logo VINATECH - VINATech Co.,Ltd.

35HVC100MD10V Datasheet(HTML) 2 Page - VINATech Co.,Ltd.

  35HVC100MD10V Datasheet HTML 1Page - VINATech Co.,Ltd. 35HVC100MD10V Datasheet HTML 2Page - VINATech Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rated
Voltage
[Vdc]
Rated
Capacitance
[µF]
Size
ØD x L
[mm]
ESR
(20°C, 100kHz)
[mΩ] [max.]
Rated
Ripple Current
(125°C, 100kHz)
[mArms]
Part Number
25
33
5.0 x 5.9
80
550
25HVC33MB6
56
6.3 x 5.9
50
900
25HVC56MC6□
100
6.3 x 7.7
30
1400
25HVC100MC8□
100
8.0 x 7.7
30
1400
25HVC100MC8□
150
8.0 x 9.7
27
1600
25HVC150MD10□
220
8.0 x 9.7
27
1600
25HVC220MD10□
330
10.0 x 10.5
20
2000
25HVC330ME10□
560
10.0 x 10.5
20
2800
25HVC560ME10□
35
22
5.0 x 5.9
100
550
35HVC22MB6
47
6.3 x 5.9
60
900
35HVC47MC6□
68
6.3 x 7.7
35
1400
35HVC68MC8□
100
8.0 x 9.7
27
1600
35HVC100MD10□
150
8.0 x 9.7
27
1600
35HVC150MD10□
220
8.0 x 10.5
27
2000
35HVC220MD10□
220
10.0 x 10.5
20
2000
35HVC220ME10□
270
10.0 x 10.5
20
2000
35HVC270ME10□
470
10.0 x 12.5
16
4100
35HVC470ME12□
50
10
5.0 x 5.9
120
500
50HVC10MB6
22
6.3 x 5.9
80
750
50HVC22MC6□
33
6.3 x 7.7
40
1100
50HVC33MC8□
47
8.0 x 9.7
35
1250
50HVC47MD10□
68
8.0 x 9.7
30
1250
50HVC68MD10□
100
10.0 x 10.5
28
1600
50HVC100ME10□
120
10.0 x 10.5
28
1600
50HVC120ME10□
220
10.0 x 16.5
13
3900
50HVC220ME16□
63
10
6.3 x 5.9
120
700
63HVC10MC6□
22
6.3 x 7.7
80
900
63HVC22MC8□
33
8.0 x 9.7
40
1100
63HVC33MD10□
47
8.0 x 9.7
40
1100
63HVC47MD10□
56
10.0 x 10.5
30
1400
63HVC56ME10□
68
10.0 x 10.5
30
1400
63HVC68ME10□
82
10.0 x 10.5
30
1400
63HVC82ME10□
100
10.0 x 12.5
28
2100
63HVC100ME12□
80
22
8.0 x 9.7
45
1050
80HVC22MD10□
33
10.0 x 10.5
35
1360
80HVC33ME10□
47
10.0 x 10.5
35
1360
80HVC47ME10□
*Terminal Code : V(Vibration-proof products)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com