Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECW0.80 Datasheet(PDF) 2 Page - Multicomp Pro

Part # ECW0.80
Description  Enamelled Copper Wire
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

ECW0.80 Datasheet(HTML) 2 Page - Multicomp Pro

  ECW0.80 Datasheet HTML 1Page - Multicomp Pro ECW0.80 Datasheet HTML 2Page - Multicomp Pro ECW0.80 Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page <2>
V1.2
17/10/23
Enamelled Copper Wire
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Technical Data – Enamelled Conductors
Bare Conductor – Copper Characteristics (Annealed Condition
Standard
IEC 60317-0-1:2014
IEC 60317 – 20
NEMA MW 79-C
DIN 46416-2
IEC 60317-0-1:2014
IEC 60317-51
NEMA MW 82-C
Insulation Coatings
Polyurethane
155
Polyurethane
180
Dimensions
0.07 – 2mm Ø
Gr 1 or Gr 2 (L or 2L)
0.07 – 1.6mm Ø
Gr 1 or Gr 2 (L or 2L)
Mechanical Properties
Elongation
Springiness
Adherence – Flexibility Resistance to
Abrasion
For 0.3mm Ø
>30%
<50
Excellent
>67.75N
For 0.3mm Ø
>30%
<50
Excellent
>67.75N
Electrical Properties
Breakdown Voltage
7 KV
7 KV
Thermal Properties
Temperature Index
Cut through
Heat Shock
155
2 min ≥ 200°C
1d, 1/2 h ≥ 175°C
180
2 min ≥ 230°C 1d,
1/2 h ≥ 200°C
Chemical Properties
Solvent Test
Solderability
Resistance to refrigerants
4H
390°
-
4H
390°
-
MAIN USES
Suitable for automated soldering
equipment used for production/manu-
facturing of small motors, transformers,
relays and magnet coils.
Suitable for automated soldering
equipment used for production/manu-
facturing of small motors, transformers,
relays and magnet coils.
Description
Particulas
Unit
Electrical Resistivity @ 20°C
0.017241
Ωmm²/m
Temperature Coefficient @ 20°C
0.00694
/°C
Specific Weight
8.89
Gr/cm³
Ultimate Tensile Strength
22 – 30
Kg/mm²
Primary Insulation Colour
Transparent / Natural



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com