Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51822-CDAB-R7 Datasheet(PDF) 65 Page - Nordic Semiconductor

Part # NRF51822-CDAB-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CDAB-R7 Datasheet(HTML) 65 Page - Nordic Semiconductor

Back Button NRF51822-CDAB-R7 Datasheet HTML 61Page - Nordic Semiconductor NRF51822-CDAB-R7 Datasheet HTML 62Page - Nordic Semiconductor NRF51822-CDAB-R7 Datasheet HTML 63Page - Nordic Semiconductor NRF51822-CDAB-R7 Datasheet HTML 64Page - Nordic Semiconductor NRF51822-CDAB-R7 Datasheet HTML 65Page - Nordic Semiconductor NRF51822-CDAB-R7 Datasheet HTML 66Page - Nordic Semiconductor NRF51822-CDAB-R7 Datasheet HTML 67Page - Nordic Semiconductor NRF51822-CDAB-R7 Datasheet HTML 68Page - Nordic Semiconductor NRF51822-CDAB-R7 Datasheet HTML 69Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 130 page
background image
Page 65
nRF51822 Product Specification v3.3
8.22
Non-Volatile Memory Controller (NVMC) specifications
Flash write is performed by executing a program that writes one word (32 bit) consecutively after the other
to the flash memory.
The program performing the flash write operation could be set up to run from flash or from RAM. The timing
of one flash write operation depends on whether the next instructions following the flash write will be
fetched from flash or from RAM. Any fetch from flash before the write operation is finished will give
tWRITE,FLASH timing.
The flash memory is organized in 256 byte rows starting at CODE and UICR start addresses. Crossing from
one row to another will affect the flash write timing when running from RAM.
The time it takes to program the flash memory will depend on different parameters:
• Whether the program doing the flash write is running from RAM or running from flash.
• When running from RAM we will have different timing for:
• First write operation.
• Repeated write operations within the same row.
• Repeated write operation that are crossing from one row to another.
Table 61 NVMC specifications
Symbol
Description
Note
Min.
Typ.
Max.
Units
Test
level
tERASEALL
Erase flash memory.
1, 2
1. Max timing is assuming using RC16M, worst case tolerance.
2. The CPU will be halted for the duration of NVMC operations if the CPU tries to fetch data/code from the flash memory.
22.3
ms
1
tPAGEERASEALL
Erase page in flash memory.
1, 2
22.3
ms
1
tWRITE,FLASH
Program running from flash.
Write one word to flash memory.
1, 3
3. The CPU will be halted for the duration of NVMC operations.
46.3
μs
1
tWRITE,RAM,1st
Program running from RAM. Write
the first word to flash memory.
1
39.3
μs
1
tWRITE,RAM,2nd
Program running from RAM.
Repeated writes operations
following the first, within the
same row.
1
22.3
μs
1
tWRITE,RAM,3rd
Program running from RAM.
Repeated write operation, new
word is located on a different row
compare to the previous write.
1
46.3
μs
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com